Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ARM-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8351ARM-R2
Description  Low Distortion Differential RF/IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARM-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8351ARM-R2 Datasheet HTML 5Page - Analog Devices AD8351ARM-R2 Datasheet HTML 6Page - Analog Devices AD8351ARM-R2 Datasheet HTML 7Page - Analog Devices AD8351ARM-R2 Datasheet HTML 8Page - Analog Devices AD8351ARM-R2 Datasheet HTML 9Page - Analog Devices AD8351ARM-R2 Datasheet HTML 10Page - Analog Devices AD8351ARM-R2 Datasheet HTML 11Page - Analog Devices AD8351ARM-R2 Datasheet HTML 12Page - Analog Devices AD8351ARM-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. B
AD8351
–9–
TIME (ns)
15
25
–0.2
–0.6
0
–0.4
0.2
0.4
0.6
16
17
18
19
20
21
22
23
24
0pF
2pF
10pF
5pF
TPC 25. Transient Response under Capacitive
Loading (RL = 150
Ω, CL = 0 pF, 2 pF, 5 pF, 10 pF)
TIME (ns)
0
5.0
510
15
20
2530
3540
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4.5
TPC 26. 2
Output Overdrive Recovery (RL = 150
Ω, AV = 10 dB)
TIME (ns)
050
3
510
15202530354045
2
1
0
–1
–2
–3
VOUT
VIN
TPC 27. Overdrive Recovery Using Sinusoidal Input
Waveform RL = 150
Ω (AV = 10 dB, at 5 V Supplies)
TIME (ns)
0
0.75
0.25
–0.50
–1.00
1.00
0.50
0
–0.25
–0.75
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TPC 28. Large Signal Transient Response for a
1 V p-p Output Step (AV = 10 dB, RIP = 25
Ω)
TIME (ns)
015
5
369
12
2
1
0
–1
–2
–5
3
4
–4
–3
TPC 29. 1% Settling Time for a 2 V p-p Step
(AV = 10 dB, RL = 150
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com