Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9352 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9352
Description  WiMAX/WiBro RF MxFE Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9352 Datasheet(HTML) 1 Page - Analog Devices

  AD9352 Datasheet HTML 1Page - Analog Devices AD9352 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WiMAX/WiBro RF
MxFE Transceiver
AD9352
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
RF transceiver with integrated ADCs and DACs
IEEE 802.16 WiMAX/WiBro
2.3 GHz to 2.7 GHz
3.5 MHz < BW < 20 MHz
Superior receiver sensitivity with NF 3.7 dB
Highly linear and spectrally pure transmitter
Tx EVM −38 dB
SNR > 134 dB/Hz at FOFFSET > 22 MHz
Tx power control
Range: 0 dB to 58 dB
Resolution: 0.25 dB
Autonomous AGC and Tx power control
Automatic frequency correction < 0.012 ppm
Integrated Frac-N synthesizer
8 Hz LO step size
Integrated phase noise < 0.4°rms
APPLICATIONS
WiMAX/WiBro/BWA
FUNCTIONAL BLOCK DIAGRAM
ADC
ADC
DAC
DAC
Σ
CTRL
AD9352
Rx
POWER
DETECT
Tx
RADIO
SWITCHING
TxNRx
DATA
SYNC
SYNC_VALID
CLK_OUT
REF_XTAL
CTRL AUX ADC AUX DAC
GPO
LDOs
CLK/LO
SYNTH
Figure 1.
GENERAL DESCRIPTION
The AD9352 is a fully integrated transceiver for IEEE 802.16
WiMAX and WiBro wireless network systems. The RF MxFE™
combines the RF front-end with mixed-signal baseband enabling
an easy-to-use digital interface to the baseband ASIC or FPGA.
The AD9352 operates in the 2.3 GHz to 2.7 GHz range covering
most of the licensed and unlicensed bands. Channel bandwidths
of 3.5 MHz, 4.375 MHz, 5 MHz, 7 MHz, 8.75 MHz, 10 MHz,
14 MHz, 17.5 MHz, and 20 MHz are supported.
The direct-conversion receiver has state-of-the-art noise figure
and linearity and requires no external components with the
exception of a balun. The complete RF subsystem integrates an
autonomous AGC loop and dc offset corrections, thus elimi-
nating the need for high speed interaction with the baseband
processor. The received signal strength indicator (RSSI) has
over 80 dB of dynamic range with 0.5 dB resolution and is
accessible via the serial interface.
The received signal is digitized with a high dynamic range
12-bit ADC. Decimation and channel filters produce a 10-bit
output signal at the appropriate sample rate determined by the
bandwidth mode. The transmit path takes a 10-bit input data
and interpolates before converting to the analog domain and
upconverting to the carrier frequency.
The highly linear transmit path has excellent spectral purity
with sideband noise less than −134 dBc/Hz at 22 MHz offset
and offers EVM of −38 dB at 0 dBm output power. The transmit
power is detected by an accurate power detector and autono-
mously controlled with a range of 58 dB and 0.25 dB steps. The
output power can be calibrated at the factory by a single meas-
urement.
The reference frequency is produced by an internal crystal
oscillator with a digital programmable frequency with 0.012 ppm
resolution thus reducing the total bill of materials of the device.
An internal auxiliary ADC and two auxiliary DACs are avail-
able for system monitoring and control. Three general purpose
I/Os are also included and can be register programmed or auto-
matically sequenced by a user-defined state machine. Mode control
is via a 4-wire serial port and four real-time I/O control pins.
The AD9352 is powered from a single 3.3 V supply and contains
on-chip LDOs for each function to eliminate external regula-
tors. The AD9352 is packaged in a 9 mm × 9 mm, 64-lead LFCSP.
For more information on the AD9352, e-mail Analog Devices,
Inc. at wimaxtransceivers@analog.com.


Similar Part No. - AD9352

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9352 AD-AD9352 Datasheet
91Kb / 2P
WiMAX/WiBro RF MxFE Transceiver
AD9352 AD-AD9352_15 Datasheet
103Kb / 2P
WiMAX/WiBro RF
Rev. Sp0
More results

Similar Description - AD9352

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMPA2300 FAIRCHILD-FMPA2300 Datasheet
540Kb / 9P
2.3-2.4GHz WiMax/WiBro Linear Power Amplifier
logo
Analog Devices
AD9352 AD-AD9352 Datasheet
91Kb / 2P
WiMAX/WiBro RF MxFE Transceiver
AD9353 AD-AD9353 Datasheet
96Kb / 2P
WiMAX RF MxFE Transceiver
AD9354 AD-AD9354 Datasheet
62Kb / 2P
WiMAX/WiBro RF MxFE MISO Transceiver
Rev. Sp0
AD9355 AD-AD9355 Datasheet
62Kb / 2P
WiMAX/WiBro RF MxFE MISO Transceiver
Rev. Sp0
AD9353BCPZ AD-AD9353BCPZ Datasheet
97Kb / 2P
WiMAX RF MxFE Transceiver
Rev. Sp0
AD9352 AD-AD9352_15 Datasheet
103Kb / 2P
WiMAX/WiBro RF
Rev. Sp0
AD9353 AD-AD9353_15 Datasheet
97Kb / 2P
WiMAX RF
Rev. Sp0
logo
Transko Electronics, In...
TA2315AJ1 TRANSKO-TA2315AJ1 Datasheet
494Kb / 4P
WIBRO, RF SAW Filter
Revision 0: June 2005
TA2315AM TRANSKO-TA2315AM Datasheet
427Kb / 4P
WIBRO, RF SAW Filter
Revision 1: June 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com