Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8639WARZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8639WARZ-R7
Description  16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8639WARZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8639WARZ-R7 Datasheet HTML 8Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 9Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 10Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 11Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 12Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 13Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 14Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 15Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8638/AD8639
Rev. F | Page 12 of 20
TA = 25°C, unless otherwise noted.
FREQUENCY (Hz)
1k
100
10
1
100
10
1k
10k
25k
VSY = ±2.5V
Figure 41. Voltage Noise Density vs. Frequency
TIME (Seconds)
1.5
1.0
0.5
0
–1.0
–0.5
–1.5
012
3456
789
10
VSY = ±2.5V
Figure 42. 0.1 Hz to 10 Hz Noise
VSY (V)
1250
1000
750
500
250
0
01
23
56
4
7
8
9
10 11 12 13 14 15 16
+125°C
+85°C
+25°C
–40°C
Figure 43. Supply Current vs. Supply Voltage
1
100
10
1k
10k
25k
FREQUENCY (Hz)
1k
100
10
VSY = ±8V
Figure 44. Voltage Noise Density vs. Frequency
TIME (Seconds)
1.5
1.0
0.5
0
–1.0
–0.5
–1.5
012
3456
789
10
VSY = ±8V
Figure 45. 0.1 Hz to 10 Hz Noise
VSY = ±8V
VSY = ±2.5V
TEMPERATURE (°C)
1400
1200
1000
800
600
400
200
0
–40
5
20
35
50
65
80
95
110
–25
–10
125
Figure 46. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com