Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8639WARZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8639WARZ-R7
Description  16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8639WARZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8639WARZ-R7 Datasheet HTML 9Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 10Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 11Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 12Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 13Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 14Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 15Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 16Page - Analog Devices AD8639WARZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8638/AD8639
Rev. F | Page 13 of 20
TA = 25°C, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
100
1k
10k
100k
FREQUENCY (Hz)
RL = 10kΩ
VSY = ±8V
AV = –10
RL = 2kΩ
Figure 47. Channel Separation vs. Frequency
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±8V
AV = +1
RL = 2kΩ
VIN = 1V rms
VIN = 3V rms
Figure 48. THD + Noise vs. Frequency
VCM (V)
300
250
200
150
50
100
0
–50
01
2345
6789
16
10 11 12 13 14 15
VSY = 16V
TA = 125°C
Figure 49. Input Bias Current vs. Input Common-Mode Voltage
0
–20
–40
–60
–80
–100
–120
–140
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±8V
AV = –100
RL = 10kΩ
RL = 2kΩ
Figure 50. Channel Separation vs. Frequency
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
FREQUENCY (Hz)
VS = ±8V
AV = +1
RL = 10kΩ
VIN = 1V rms
VIN = 3V rms
Figure 51. THD + Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com