Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9752 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9752
Description  12-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9752 Datasheet(HTML) 4 Page - Analog Devices

  AD9752 Datasheet HTML 1Page - Analog Devices AD9752 Datasheet HTML 2Page - Analog Devices AD9752 Datasheet HTML 3Page - Analog Devices AD9752 Datasheet HTML 4Page - Analog Devices AD9752 Datasheet HTML 5Page - Analog Devices AD9752 Datasheet HTML 6Page - Analog Devices AD9752 Datasheet HTML 7Page - Analog Devices AD9752 Datasheet HTML 8Page - Analog Devices AD9752 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
REV. 0
AD9752
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9752 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
With
Parameter
Respect to
Min
Max
Units
AVDD
ACOM
–0.3
+6.5
V
DVDD
DCOM
–0.3
+6.5
V
ACOM
DCOM
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
CLOCK, SLEEP
DCOM
–0.3
DVDD + 0.3
V
Digital Inputs
DCOM
–0.3
DVDD + 0.3
V
IOUTA, IOUTB
ACOM
–1.0
AVDD + 0.3
V
ICOMP
ACOM
–0.3
AVDD + 0.3
V
REFIO, FSADJ
ACOM
–0.3
AVDD + 0.3
V
REFLO
ACOM
–0.3
+0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may effect device reliability.
DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DIGITAL INPUTS
Logic “1” Voltage @ DVDD = +5 V
1
3.5
5
V
Logic “1” Voltage @ DVDD = +3 V
2.1
3
V
Logic “0” Voltage @ DVDD = +5 V1
0
1.3
V
Logic “0” Voltage @ DVDD = +3 V
0
0.9
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
5
pF
Input Setup Time (tS)
2.0
ns
Input Hold Time (tH)
1.5
ns
Latch Pulsewidth (tLPW)
3.5
ns
NOTES
1When DVDD = +5 V and Logic 1 voltage
≈3.5 V and Logic 0 voltage ≈1.3 V. IVDD can increase by up to 10 mA, depending on f
CLOCK.
Specifications subject to change without notice.
0.1%
0.1%
tS
tH
tLPW
t
PD
t
ST
DB0–DB11
CLOCK
IOUTA
OR
IOUTB
Figure 1. Timing Diagram
(TMIN to TMAX, AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, unless otherwise noted)
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options*
AD9752AR
–40
°C to +85°C 28-Lead 300 Mil SOIC R-28
AD9752ARU –40
°C to +85°C 28-Lead TSSOP
RU-28
AD9752-EB
Evaluation Board
*R = Small Outline IC; RU = Thin Shrink Small Outline Package.
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead 300 Mil SOIC
θ
JA = 71.4°C/W
θ
JC = 23°C/W
28-Lead TSSOP
θ
JA = 97.9°C/W
θ
JC = 14.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com