Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9752 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9752
Description  12-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9752 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9752 Datasheet HTML 10Page - Analog Devices AD9752 Datasheet HTML 11Page - Analog Devices AD9752 Datasheet HTML 12Page - Analog Devices AD9752 Datasheet HTML 13Page - Analog Devices AD9752 Datasheet HTML 14Page - Analog Devices AD9752 Datasheet HTML 15Page - Analog Devices AD9752 Datasheet HTML 16Page - Analog Devices AD9752 Datasheet HTML 17Page - Analog Devices AD9752 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
REV. 0
AD9752
–14–
RLOAD
AD9752
MINI-CIRCUITS
T1-1T
OPTIONAL RDIFF
IOUTA
IOUTB
Figure 28. Differential Output Using a Transformer
The center tap on the primary side of the transformer must be
connected to ACOM to provide the necessary dc current path
for both IOUTA and IOUTB. The complementary voltages
appearing at IOUTA and IOUTB (i.e., VOUTA and VOUTB)
swing symmetrically around ACOM and should be maintained
with the specified output compliance range of the AD9752. A
differential resistor, RDIFF, may be inserted in applications in
which the output of the transformer is connected to the load,
RLOAD, via a passive reconstruction filter or cable. RDIFF is deter-
mined by the transformer’s impedance ratio and provides the
proper source termination which results in a low VSWR. Note
that approximately half the signal power will be dissipated across
RDIFF.
DIFFERENTIAL USING AN OP AMP
An op amp can also be used to perform a differential to single-
ended conversion as shown in Figure 29. The AD9752 is con-
figured with two equal load resistors, RLOAD, of 25 Ω. The
differential voltage developed across IOUTA and IOUTB is
converted to a single-ended signal via the differential op amp
configuration. An optional capacitor can be installed across
IOUTA and IOUTB forming a real pole in a low-pass filter.
The addition of this capacitor also enhances the op amps distor-
tion performance by preventing the DACs high slewing output
from overloading the op amp’s input.
AD9752
IOUTA
IOUTB
COPT
500
225
225
500
25
25
AD8055
Figure 29. DC Differential Coupling Using an Op Amp
The common-mode rejection of this configuration is typically
determined by the resistor matching. In this circuit, the differ-
ential op amp circuit is configured to provide some additional
signal gain. The op amp must operate off of a dual supply since
its output is approximately
±1.0 V. A high speed amplifier such
as the AD8055 or AD9632 capable of preserving the differential
performance of the AD9752 while meeting other system level
objectives (i.e., cost, power) should be selected. The op amps
differential gain, its gain setting resistor values, and full-scale
output swing capabilities should all be considered when opti-
mizing this circuit.
The differential circuit shown in Figure 30 provides the neces-
sary level-shifting required in a single supply system. In this
case, AVDD which is the positive analog supply for both the
AD9752 and the op amp is also used to level-shift the differ-
ential output of the AD9752 to midsupply (i.e., AVDD/2). The
AD8041 is a suitable op amp for this application.
AD9752
IOUTA
IOUTB
COPT
500
225
225
1k
25
25
AD8041
1k
AVDD
Figure 30. Single-Supply DC Differential Coupled Circuit
SINGLE-ENDED UNBUFFERED VOLTAGE OUTPUT
Figure 31 shows the AD9752 configured to provide a unipolar
output range of approximately 0 V to +0.5 V for a doubly termi-
nated 50
Ω cable since the nominal full-scale current, I
OUTFS, of
20 mA flows through the equivalent RLOAD of 25 Ω. In this
case, RLOAD represents the equivalent load resistance seen by
IOUTA or IOUTB. The unused output (IOUTA or IOUTB)
can be connected to ACOM directly or via a matching RLOAD.
Different values of IOUTFS and RLOAD can be selected as long as
the positive compliance range is adhered to. One additional
consideration in this mode is the integral nonlinearity (INL) as
discussed in the ANALOG OUTPUT section of this data sheet.
For optimum INL performance, the single-ended, buffered
voltage output configuration is suggested.
AD9752
IOUTA
IOUTB
50
25
50
VOUTA = 0 TO +0.5V
IOUTFS = 20mA
Figure 31. 0 V to +0.5 V Unbuffered Voltage Output
SINGLE-ENDED, BUFFERED VOLTAGE OUTPUT
CONFIGURATION
Figure 32 shows a buffered single-ended output configuration in
which the op amp U1 performs an I-V conversion on the AD9752
output current. U1 maintains IOUTA (or IOUTB) at a virtual
ground, thus minimizing the nonlinear output impedance effect
on the DAC’s INL performance as discussed in the ANALOG
OUTPUT section. Although this single-ended configuration
typically provides the best dc linearity performance, its ac distor-
tion performance at higher DAC update rates may be limited by
U1’s slewing capabilities. U1 provides a negative unipolar out-
put voltage and its full-scale output voltage is simply the
product of RFB and IOUTFS. The full-scale output should be set
within U1’s voltage output swing capabilities by scaling IOUTFS
and/or RFB. An improvement in ac distortion performance may
result with a reduced IOUTFS since the signal current U1 will be
required to sink will be subsequently reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com