Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9863 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9863 Datasheet HTML 8Page - Analog Devices AD9863 Datasheet HTML 9Page - Analog Devices AD9863 Datasheet HTML 10Page - Analog Devices AD9863 Datasheet HTML 11Page - Analog Devices AD9863 Datasheet HTML 12Page - Analog Devices AD9863 Datasheet HTML 13Page - Analog Devices AD9863 Datasheet HTML 14Page - Analog Devices AD9863 Datasheet HTML 15Page - Analog Devices AD9863 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD9863
Rev. A| Page 12 of 40
80
10
20
30
40
50
60
70
0
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
INPUT AMPLITUDE (dBFS)
SNR
Figure 16. AD9863 Rx Path at 50 MSPS, 10 MHz Input Tone
SNR Performance vs. Input Amplitude
74
64
66
68
70
72
62
3.6
3.3
3.0
2.7
INPUT AMPLITUDE (dBFS)
AVE –40
°C
AVE +25
°C
AVE +85
°C
Figure 17. AD9863 Rx Path at 50 MSPS, 10 MHz Input Tone
SNR Performance vs. ADC_AVDD and Temperature
–70.0
–75.0
–74.5
–74.0
–73.5
–73.0
–72.5
–72.0
–71.5
–71.0
–70.5
2.7
3.0
3.3
3.6
INPUT AMPLITUDE (dBFS)
AVE –40
°C
AVE +25
°C
AVE +85
°C
Figure 18. AD9863 Rx Path Single-Tone THD Performance vs.
ADC_AVDD and Temperature
90
20
–90
–80
–70
–60
–50
–40
–30
–20
30
40
50
60
70
80
0
–5
–10
–15
–20
–25
–30
–35
–40
INPUT AMPLITUDE (dBFS)
THD
SFDR
Figure 19. AD9863 Rx Path at 50 MSPS, 10 MHz Input Tone
THD and SFDR Performance vs. Input Amplitude
74
62
12.0
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
10.0
65
68
71
2.7
3.0
3.3
3.6
INPUT FREQUENCY (MHz)
AVE –40
°C
AVE +25
°C
AVE +85
°C
Figure 20. AD9863 Rx Path at 50 MSPS, 10 MHz Input Tone
SINAD Performance vs. ADC_AVDD and Temperature
78
70
71
72
73
74
75
76
77
2.7
3.0
3.3
3.6
INPUT AMPLITUDE (dBFS)
AVE –40
°C
AVE +25
°C
AVE +85
°C
Figure 21. AD9863 Rx Path Single-Tone SFDR Performance vs.
ADC_AVDD and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com