Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9863 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9863 Datasheet HTML 27Page - Analog Devices AD9863 Datasheet HTML 28Page - Analog Devices AD9863 Datasheet HTML 29Page - Analog Devices AD9863 Datasheet HTML 30Page - Analog Devices AD9863 Datasheet HTML 31Page - Analog Devices AD9863 Datasheet HTML 32Page - Analog Devices AD9863 Datasheet HTML 33Page - Analog Devices AD9863 Datasheet HTML 34Page - Analog Devices AD9863 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
AD9863
Rev. A | Page 31 of 40
Register Bit
Description
Bit 6: RxREF (Power-Down)
Setting this register bit high powers down internal ADC reference circuits. Powering down these
circuits provides additional power saving over other power-down modes. The Rx path wake-up
time depends on the recovery of these references, typically of the order of a few milliseconds.
Bit 5: DiffRef (Power-Down)
Setting this bit high powers down the ADC’s differential references, REFT and REFB. Recovery time
depends on the value of the REFT and REFB decoupling capacitors.
Bit 4: VREF (Power-Down)
Setting this register bit high powers down the ADC reference circuit, VREF. Powering down the Rx
band gap reference allows an external reference to drive the VREF pin setting full-scale range of the
Rx paths.
Registers 0x06/0x07: Rx Path
Bit 5: Rx_A Twos Complement/
Rx_B Twos Complement
Default data format for the Rx data is straight binary. Setting this bit high generates twos
complement data.
Bit 4: Rx_A Clk Duty/Rx_B Clk
Duty
Setting either of these bits high enables the respective channels of the on-chip duty cycle stabilizer
(DCS) circuit to generate the internal clock for the Rx block. This option is useful for adjusting for
high speed input clocks with skewed duty cycles. The DCS mode can be used with ADC sampling
frequencies over 40 MHz.
Registers 0x08/0x09/0x0A: Rx Path
Rx Ultralow Power Control Bits
Set all bits high, in combination with asserting the ADC_LO_PWR pin, to reduce the power
consumption of the Rx path by a fourth of normal Rx path power consumption.
Registers 0x0B/0x0C/0x0E/0x0F:
Tx Path
DAC A/DAC B Offset
These 10-bit, twos complement registers control a dc current offset that is combined with the Tx A
or Tx B output signal. An offset current of up to ±12% IOUTFS (2.4 mA for a 20 mA full-scale output)
can be applied to either differential pin on each channel. The offset current can be used to
compensate for offsets that are present in an external mixer stage, reducing LO leakage at its
output. The default setting is 0x00, no offset current. The offset current magnitude is set by using
the lower nine bits. Setting the MSB high adds the offset current to the selected differential pin,
while setting the MSB low subtracts the offset value.
DAC A/DAC B Offset Direction
This bit determines to which differential output pin the offset current is applied for the selected
channel. Setting this bit low applies the offset to the negative differential pin. Setting this bit high
applies the offset to the positive differential pin.
Register 0x0D/0x10: Tx Path
Bit 7, Bit 6: DAC A/DAC B Coarse
Gain Control
These register bits scale the full-scale output current (IOUTFS) of either Tx channel independently.
IOUT of the Tx channels is a function of the RSET resistor, the TxPGA setting, and the coarse gain
control setting.
00
Output current scaling by 1/11
01
Output current scaling by ½
10
No output current scaling
11
No output current scaling
Bit 5 to Bit 0: DAC A/DAC B Fine
Gain
The DAC output curve can be adjusted fractionally through the gain trim control. Gain trim of up to
±4% can be achieved on each channel individually. The gain trim register bits are a twos
complement attention control word.
MSB, LSB
100000
Maximum positive gain adjustment
111111
Minimum positive gain adjustment
000000
No adjustment (default)
000001
Minimum negative gain adjustment
011111
Maximum negative gain adjustment
Register 0x11: Tx Path
Bit 0 to Bit 7: TxPGA Gain
This 8-bit, straight binary (Bit 0 is the LSB, Bit 7 is the MSB) register control for the Tx programmable
gain amplifier (TxPGA). The TxPGA provides a 20 dB continuous gain range with 0.1 dB steps (linear
in dB) simultaneously to both Tx channels. By default, this register setting is 0xFF.
MSB, LSB
0000 0000
Minimum gain scaling –20 dB
1111 1111
Maximum gain scaling 0 dB
Register 0x12: Tx Path
Bit 6: TxPGA Slave Enable
The TxPGA gain is controlled through register TxPGA gain setting and, by default, is updated
immediately after the register write. If this bit is set, the TxPGA gain update is synchronized with the
falling edge of a signal applied to the TxPwrDwn pin and is enabled during the wake-up from
power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com