Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752A Datasheet(PDF) 15 Page - Analog Devices

Part # ADE7752A
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752A Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE7752A Datasheet HTML 11Page - Analog Devices ADE7752A Datasheet HTML 12Page - Analog Devices ADE7752A Datasheet HTML 13Page - Analog Devices ADE7752A Datasheet HTML 14Page - Analog Devices ADE7752A Datasheet HTML 15Page - Analog Devices ADE7752A Datasheet HTML 16Page - Analog Devices ADE7752A Datasheet HTML 17Page - Analog Devices ADE7752A Datasheet HTML 18Page - Analog Devices ADE7752A Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 15 of 24
TYPICAL CONNECTION DIAGRAMS
CURRENT CHANNEL CONNECTION
METER CONNECTIONS
Figure 19 shows a typical connection diagram for the current
channel (IA). A current transformer (CT) is the current trans-
ducer selected for this example. Notice the common-mode
voltage for the current channel is AGND and is derived by
center tapping the burden resistor to AGND. This provides the
complementary analog input signals for IAP and IAN. The CT
turns ratio and burden resistor Rb are selected to give a peak
differential voltage of ±500 mV at maximum load.
In 3-phase service, two main power distribution services exist:
3-phase 4-wire or 3-phase 3-wire. The additional wire in the
3-phase 4-wire arrangement is the neutral wire. The voltage
lines have a phase difference of ±120° (±2π/3 radians) between
each other. See Equation 5.
()
()
()
()
⎟
⎠
⎞
⎜
⎝
⎛
+
×
×
=
⎟
⎠
⎞
⎜
⎝
⎛
+
×
×
=
×
×
=
3
π
4
cos
2
3
π
2
cos
2
cos
2
t
ω
V
t
V
t
ω
V
t
V
t
ω
V
t
V
l
C
C
l
B
B
l
A
A
(5)
IAP
±500mV
Rb
Rf
Rf
CT
NEUTRAL
PHASE
IP
IAN
Cf
Cf
where V
Figure 19. Typical Connection for Current Channels
VOLTAGE CHANNELS CONNECTION
Figure 20 shows two typical connections for the voltage
channel. The first option uses a potential transformer (PT) to
provide complete isolation from the main voltage. In the second
option, the ADE7752 is biased around the neutral wire, and a
resistor divider is used to provide a voltage signal proportional
to the line voltage. Adjusting the ratio of Ra, Rb, and VR is also
a convenient way of carrying out a gain calibration on the meter.
±500mV
Ra
*
Rb
*
VR
*
VAP
AGND
Rf
Rf
PT
NEUTRAL
PHASE
VN
Cf
Cf
VAP
Rf
NEUTRAL
PHASE
VN
Cf
Cf
* Ra >> Rf + VR; * Rb + VR = Rf
±500mV
Figure 20. Typical Connections for Voltage Channels
A
, VB, and VC
B
represent the voltage rms values of the
different phases.
The current inputs are represented by Equation 6.
()
(
)
()
()
⎭
⎬
⎫
⎩
⎨
⎧
+
+
×
=
⎭
⎬
⎫
⎩
⎨
⎧
+
+
×
=
+
×
=
C
l
C
C
B
l
B
B
A
l
A
A
φ
t
ω
I
t
I
φ
t
ω
I
t
I
φ
t
ω
I
t
I
3
π
4
cos
2
3
π
2
cos
2
cos
2
(6)
where IA, IB, and IC
B
represent the rms value of the current of
each phase and ϕA, ϕB
B
, and ϕC represent the phase difference of
the current and voltage channel of each phase.
The instantaneous powers can then be calculated as follows:
PA(t) = VA(t) × IA(t)
PB(t) = VB
B
(t) × I
B
B
(t)
P
B
C
(t) = VC(t) × IC(t)
Then:
( )
()
(
)
()
()
()
()
⎟
⎠
⎞
⎜
⎝
⎛
+
+
×
×
−
×
×
=
⎟
⎠
⎞
⎜
⎝
⎛
+
+
×
×
−
×
×
=
+
×
×
−
×
×
=
C
l
C
C
C
C
C
C
B
l
B
B
B
B
B
B
A
l
A
A
A
A
A
A
φ
t
ω
I
V
φ
I
V
t
P
φ
t
ω
I
V
φ
I
V
t
P
φ
t
ω
I
V
φ
I
V
t
P
3
π
8
2
cos
cos
3
π
4
2
cos
cos
2
cos
cos
(7)
As shown in Equation 7, in the ADE7752, the real power calcu-
lation per phase is made when current and voltage inputs of one
phase are connected to the same channel (A, B, or C). Then the
summation of each individual real power calculation gives the
total real power information, P(t) = PA(t) + PB(t) + PC(t).
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com