Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752A Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7752A
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752A Datasheet(HTML) 3 Page - Analog Devices

  ADE7752A Datasheet HTML 1Page - Analog Devices ADE7752A Datasheet HTML 2Page - Analog Devices ADE7752A Datasheet HTML 3Page - Analog Devices ADE7752A Datasheet HTML 4Page - Analog Devices ADE7752A Datasheet HTML 5Page - Analog Devices ADE7752A Datasheet HTML 6Page - Analog Devices ADE7752A Datasheet HTML 7Page - Analog Devices ADE7752A Datasheet HTML 8Page - Analog Devices ADE7752A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 3 of 24
SPECIFICATIONS
VDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, CLKIN = 10 MHz, TMIN to TMAX = –40°C to +85°C, unless otherwise noted.
Table 1.
ADE7752
ADE7752A
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
ACCURACY1, 2
Measurement Error on Current
Channel
0.1
0.1
% Reading
Voltage channel with full-scale signal
(±500 mV), 25°C, over a dynamic range
of 500 to 1
Phase Error Between Channels
PF = 0.8 Capacitive
±0.1
±0.1
Degrees
PF = 0.5 Inductive
±0.1
±0.1
Degrees
AC Power Supply Rejection
SCF = 0; S0 = S1 = 1
Output Frequency Variation
(CF)
0.01
0.01
% Reading
IA = IB = IC = 100 mV rms,
VA = VB = VC = 100 mV rms, @ 50 Hz,
ripple on VDD of 175 mV rms @ 100 Hz
DC Power Supply Rejection
S1 = 1; S0 = SCF = 0
Output Frequency Variation
(CF)
0.1
0.1
% Reading
IA = IB = IC = 100 mV rms,
VA = VB = VC = 100 mV rms,
VDD = 5 V ±250 mV
ANALOG INPUTS
See the Analog Inputs section.
Maximum Signal Levels
±0.5
±0.5
Vpeak
differential
VAP to VN, VBP to VN, VCP to VN, IAP to IAN,
IBP to IBN, ICP to ICN
Input Impedance (DC)
370
410
370
450
CLKIN = 10 MHz
Bandwidth (–3 dB)
14
14
kHz
CLKIN/256, CLKIN = 10 MHz
ADC Offset Error1, 2
±25
±25
mV
Gain Error
±9
±9
% Ideal
External 2.5 V reference,
IA = IB = IC = 500 mV dc
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.6
2.6
V
2.4 V + 8%
2.2
2.2
V
2.4 V – 8%
Input Impedance
3.3
3.3
Input Capacitance
10
10
pF
ON-CHIP REFERENCE
Nominal 2.4 V
Reference Error
±200
±200
mV
Temperature Coefficient
25
25
ppm/°C
CLKIN
All specifications for CLKIN of 10 MHz
Input Clock Frequency
10
10
MHz
LOGIC INPUTS3
ACF, S0, S1, and ABS
Input High Voltage, VINH
2.4
2.4
V
VDD = 5 V ±5%
Input Low Voltage, VINL
0.8
0.8
V
VDD = 5 V ±5%
Input Current, IIN
±3
±3
μA
Typically 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
10
10
pF
LOGIC OUTPUTS3
F1 and F2
Output High Voltage, VOH
4.5
4.5
V
ISOURCE = 10 mA, VDD = 5 V
Output Low Voltage, VOL
0.5
0.5
V
ISINK = 10 mA, VDD = 5 V
CF and REVP
Output High Voltage, VOH
4
4
V
VDD = 5 V, ISOURCE = 5 mA
Output Low Voltage, VOL
0.5
0.5
V
VDD = 5 V, ISINK = 5 mA
POWER SUPPLY
For specified performance
VDD
4.75
5.25
4.75
5.25
V
5 V ±5%
IDD
12
16
6
9
mA
1 See the Terminology section for explanation of specifications.
2 See the plots in the Typical Performance Characteristics section.
3 Sample tested during initial release and after any redesign or process change that may affect this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com