Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-4ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4505-4ACBZ-R7
Description  10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-4ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4505-4ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADA4505-1/ADA4505-2/ADA4505-4
Rev. D | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
140
120
100
80
60
40
20
0
–3.0 –2.5 –2.0 –1.5 –1.0 –0.5
0
0.5 1.0 1.5 2.0 2.5 3.0
VOS (mV)
VSY = 1.8V
VCM = VSY/2
Figure 7. Input Offset Voltage Distribution
14
12
10
8
6
4
2
0
VSY = 1.8V
–40°C ≤ TA ≤ 125°C
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
TCVOS (µV/°C)
Figure 8. Input Offset Voltage Drift Distribution
1500
1000
500
0
–500
–1000
–1500
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VCM (V)
VSY = 1.8V
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
DEVICE 6
DEVICE 7
DEVICE 8
DEVICE 9
DEVICE 10
Figure 9. Input Offset Voltage vs. Common-Mode Voltage
140
120
100
80
60
40
20
0
–3.0 –2.5 –2.0 –1.5 –1.0 –0.5
0
0.5 1.0 1.5 2.0 2.5 3.0
VOS (mV)
VSY = 5V
VCM = VSY/2
Figure 10. Input Offset Voltage Distribution
14
12
10
8
6
4
2
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
TCVOS (µV/°C)
VSY = 5V
–40°C ≤ TA ≤ 125°C
Figure 11. Input Offset Voltage Drift Distribution
1500
1000
500
0
–500
–1000
–1500
01
2
3
4
5
VCM (V)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
DEVICE 6
DEVICE 7
DEVICE 8
DEVICE 9
DEVICE 10
VSY = 5V
Figure 12. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com