Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-4ACBZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4505-4ACBZ-R7
Description  10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-4ACBZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4505-4ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADA4505-4ACBZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADA4505-1/ADA4505-2/ADA4505-4
Rev. D | Page 17 of 24
FOUR-POLE, LOW-PASS BUTTERWORTH FILTER
FOR GLUCOSE MONITOR
There are several methods of glucose monitoring: spectroscopic
absorption of infrared light in the 2 μm to 2.5 μm range, reflec-
tance spectrophotometry, and the amperometric type using
electrochemical strips with glucose oxidase enzymes. The
amperometric type generally uses three electrodes: a reference
electrode, a control electrode, and a working electrode. Although
this is a very old and widely used technique, signal-to-noise
ratio and repeatability can be improved using the ADA4505-x
family, with its low peak-to-peak voltage noise of 2.95 μV from
0.1 Hz to 10 Hz and voltage noise density of 65 nV/√Hz at 1 kHz.
Another consideration is operation from a 3.3 V battery. Glucose
signal currents are usually less than 3 μA full scale; therefore,
the I-to-V converter requires low input bias current. The
ADA4505-x family is an excellent choice because it provides
0.5 pA typical and 2 pA maximum input bias current at ambient
temperature.
A low-pass filter with a cutoff frequency of 80 Hz to 100 Hz is
desirable in a glucose meter device to remove extraneous noise;
this can be a simple two-pole or four-pole Butterworth filter.
Low power op amps with bandwidths of 50 kHz to 500 kHz
should be adequate. The ADA4505-x family, with its 50 kHz GBP
and 7 μA typical current consumption, meets these requirements.
A circuit design of a four-pole Butterworth filter (preceded by a
one-pole low-pass filter) is shown in Figure 58. With a 3.3 V
battery, the total power consumption of this design is 198 μW
typical at ambient temperature.
8
4
2
1
3
+3.3V
VOUT
C4
0.1µF
C5
0.047µF
R5
22.6kΩ
R4
22.6kΩ
8
4
6
7
5
R2
22.6kΩ
+3.3V
C2
0.1µF
C3
0.047µF
R3
22.6kΩ
8
4
2
1
3
+3.3V
DUPLICATE OF CIRCUIT ABOVE
CONTROL
WORKING
REFERENCE
R1
5MΩ
C1
1000pF
U2
1/2
ADA4505-2
U1
1/2
ADA4505-2
U1
1/2
ADA4505-2
V+
V–
V+
V–
V+
V–
Figure 58. Four-Pole Butterworth Filter That Can Be Used in a Glucose Meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com