Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5372ACPZ-R71 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5372ACPZ-R71
Description  1500 MHz to 2500 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372ACPZ-R71 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5372ACPZ-R71 Datasheet HTML 14Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 15Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 16Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 17Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 18Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 19Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 20Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 21Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADL5372
Rev. 0 | Page 18 of 24
EVALUATION BOARD
Populated RoHS-compliant evaluation boards are available for
evaluation of the ADL5372. The ADL5372 package has an
exposed paddle on the underside. This exposed paddle must
be soldered to the board (see the Power Supply and Grounding
section). The evaluation board is designed without any
components on the underside so heat can be applied to the
underside for easy removal and replacement of the ADL5372.
VPS5
VPS3
VPS4
VPS2
VPS2
VOUT
COM1
VPS1
COM1
VPS1
VPS1
VPS1
1
2
3
4
5
6
18
17
16
15
14
13
VOUT
C13
0.1µF
C11
OPEN
C12
0.1µF
CLON
100pF
C14
0.1µF
C15
0.1µF
C16
0.1µF
COUT
100pF
L12
0Ω
L11
0Ω
RFNQ
0Ω
RFPQ
0Ω
QBBP
QBBN
IBBN
IBBP
RFNI
0Ω
RFPI
0Ω
CFNQ
OPEN
CFPQ
OPEN
CFPI
OPEN
CFNI
OPEN
RTI
OPEN
RTQ
OPEN
EXPOSED PADDLE
CLOP
100pF
LO
GND
Z1
F-MOD
Figure 39. ADL5372 Evaluation Board Schematic
Figure 40. Evaluation Board Layout, Top Layer
Table 8. Evaluation Board Configuration Options
Component
Description
Default Condition
VPOS, GND
Power Supply and Ground Clip Leads.
Not applicable
RFPI, RFNI, RFPQ, RFNQ, CFPI,
CFNI, CFPQ, CFNQ, RTQ, RTI
Baseband Input Filters. These components can be used to
implement a low-pass filter for the baseband signals. See
the Filtering section.
RFNQ, RFPQ, RFNI, RFPI = 0 Ω (0402)
CFNQ, CFPQ, CFNI, CFPI = Open (0402)
RTQ, RTI = Open (0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com