Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5372ACPZ-R71 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5372ACPZ-R71
Description  1500 MHz to 2500 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372ACPZ-R71 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5372ACPZ-R71 Datasheet HTML 15Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 16Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 17Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 18Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 19Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 20Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 21Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 22Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADL5372
Rev. 0 | Page 19 of 24
CHARACTERIZATION SETUP
FMOD TEST SETUP
IP
IN
QP
QN
OUT
GND
VPOS
FMOD
LO
I OUT
Q OUT
VPOS +5V
LO
OUTPUT
90°
IQ
R AND S SPECTRUM ANALYZER
FSU 20Hz TO 8GHz
I/AM
Q/FM
AGILENT 34401A
MULTIMETER
0.175 ADC
AGILENT E3631A
POWER SUPPLY
5.000
0.175A
COM
6V
±25V
+
+ –
AEROFLEX
IFR 3416
250kHz TO 6GHz SIGNAL GENERATOR
RF
OUT
FREQ 4MHz
LEVEL 0dBm
BIAS 0.5V
BIAS 0.5V
GAIN 0.7V
GAIN 0.7V
CONNECT TO BACK OF UNIT
+6dBm
RF
IN
Figure 41. Characterization Bench Setup
The primary setup used to characterize the ADL5372 is shown
in Figure 41. This setup was used to evaluate the product as a
single-sideband modulator. The Aeroflex signal generator supplied
the LO and differential I and Q baseband signals to the device
under test, DUT. The typical LO drive was 0 dBm. The I-channel is
driven by a sine wave, and the Q-channel is driven by a cosine
wave. The lower sideband is the single sideband (SSB) output.
The majority of characterization for the ADL5372 was performed
using a 1 MHz sine wave signal with a 500 mV common-mode
voltage applied to the baseband signals of the DUT. The baseband
signal path was calibrated to ensure that the VIOS and VQOS
offsets on the baseband inputs were minimized, as close as
possible, to 0 V before connecting to the DUT. See the Carrier
Feedthrough Nulling section for the definitions of VIOS and VQOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com