Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM823TYRJ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM823TYRJ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM823TYRJ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADM823TYRJ-R7 Datasheet HTML 1Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 2Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 3Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 4Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 5Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 6Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 7Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 8Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADM823/ADM824/ADM825
Rev. D | Page 3 of 12
SPECIFICATIONS
VCC = 4.75 V to 5.5 V for ADM82xL, VCC = 4.5 V to 5.5 V for ADM82xM, VCC = 3.15 V to 3.6 V for ADM82xT, VCC = 3 V to 3.6 V
for ADM82xS, VCC = 2.7 V to 3.6 V for ADM82xR, VCC = 2.38 V to 2.75 V for ADM82xZ, VCC = 2.25 V to 2.75 V for ADM82xY,
TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY
VCC Operating Voltage Range
1
5.5
V
TA = 0°C to 70°C
1.2
V
TA = TMIN to TMAX
Supply Current
10
24
µA
WDI and MR unconnected
ADM82xL/M
5
12
µA
WDI and MR unconnected
ADM82xT/S/R/Z/Y
RESET THRESHOLD VOLTAGE
ADM82xL
4.56
4.63
4.70
V
TA = 25°C
4.50
4.75
V
TA = TMIN to TMAX
ADM82xM
4.31
4.38
4.45
V
TA = 25°C
4.25
4.50
V
TA = TMIN to TMAX
ADM82xT
3.04
3.08
3.11
V
TA = 25°C
3.00
3.15
V
TA = TMIN to TMAX
ADM82xS
2.89
2.93
2.96
V
TA = 25°C
2.85
3.00
V
TA = TMIN to TMAX
ADM82xR
2.59
2.63
2.66
V
TA = 25°C
2.55
2.70
V
TA = TMIN to TMAX
ADM82xZ (SC70 Only)
2.28
2.32
2.35
V
TA = 25°C
2.25
2.38
V
TA = TMIN to TMAX
ADM82xY (SC70 Only)
2.16
2.19
2.22
V
TA = 25°C
2.13
2.25
V
TA = TMIN to TMAX
RESET THRESHOLD TEMPERATURE COEFFICIENT
40
ppm/°C
RESET THRESHOLD HYSTERESIS
10
mV
ADM82xL/M
5
mV
ADM82xT/S/R/Z/Y
RESET TIMEOUT PERIOD
140
200
280
ms
VCC TO RESET DELAY
40
µs
VTH − VCC = 100 mV
RESET/RESET
RESET Output Voltage
0.4
V
VCC = VTH min, ISINK = 3.2 mA,
ADM82xL/M
0.3
V
VCC = VTH min, ISINK = 1.2 mA,
ADM82xT/S/R/Z/Y
0.3
V
TA = 0°C to 70°C, VCC = 1 V,
VCC falling, ISINK = 50 µA
VCC − 1.5
V
VCC = VTH max, ISOURCE = 120 µA,
ADM82xL/M
0.8 × VCC
V
VCC = VTH max, ISOURCE = 30 µA,
ADM82xT/S/R/Z/Y
RESET Output Voltage (ADM824, ADM825)
0.4
V
VCC = VTH max, ISINK = 3.2 mA,
ADM82xL/M
0.3
V
VCC = VTH max, ISINK = 1.2 mA,
ADM82xT/S/R/Z/Y
0.8 × VCC
V
VCC ≥ 1.8 V, ISOURCE = 150 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com