Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM823TYRJ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM823TYRJ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM823TYRJ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM823TYRJ-R7 Datasheet HTML 4Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 5Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 6Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 7Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 8Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 9Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 10Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 11Page - Analog Devices ADM823TYRJ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADM823/ADM824/ADM825
Rev. D | Page 9 of 12
CIRCUIT DESCRIPTION
The ADM823/ADM824/ADM825 provide microprocessor
supply voltage supervision by controlling the reset input of the
microprocessor. Code execution errors are avoided during
power-up, power-down, and brownout conditions by asserting a
reset signal when the supply voltage is below a preset threshold.
Errors are also avoided by allowing supply voltage stabilization
with a fixed timeout reset pulse after the supply voltage rises
above the threshold. In addition, problems with microprocessor
code execution can be monitored and corrected with a watchdog
timer (ADM823/ADM824). By including watchdog strobe
instructions in microprocessor code, a watchdog timer can
detect whether the microprocessor code breaks down or becomes
stuck in an infinite loop. If this happens, the watchdog timer
asserts a reset pulse that restarts the microprocessor in a known
state. If the user detects a problem with the system’s operation, a
manual reset input is available (ADM823/ADM825) to reset the
microprocessor with an external push-button, for example.
RESET OUTPUT
The ADM823 features an active low, push-pull reset output, and
the ADM824/ADM825 feature dual active low and active high
push-pull reset outputs. For active low and active high outputs,
the reset signal is guaranteed to be logic low and logic high,
respectively, for VCC ≥ 1 V.
The reset output is asserted when VCC is below the reset
threshold (VTH), when MR is driven low, or when WDI is not
serviced within the watchdog timeout period (tWD). Reset
remains asserted for the duration of the reset active timeout
period (tRP) after VCC rises above the reset threshold, after MR
transitions from low to high, or after the watchdog timer times
out. Figure 15 illustrates the behavior of the reset outputs.
VCC
1V
VCC
0V
VCC
0V
VTH
VTH
0V
VCC
RESET
RESET
tRD
tRD
1V
tRP
tRP
Figure 15. Reset Timing Diagram
MANUAL RESET INPUT
The ADM823/ADM825 feature a manual reset input (MR)
which, when driven low, asserts the reset output. When MR
transitions from low to high, reset remains asserted for the
duration of the reset active timeout period before deasserting.
The MR input has a 52 kΩ internal pull-up so that the input is
always high when unconnected. An external push-button
switch can be connected between MR and ground so that the
user can generate a reset. Debounce circuitry for this purpose is
integrated on chip. Noise immunity is provided on the MR
input and fast, negative-going transients of up to 100 ns (typical)
are ignored. A 0.1 µF capacitor between MR and ground
provides additional noise immunity.
WATCHDOG INPUT
The ADM823/ADM824 feature a watchdog timer that monitors
microprocessor activity. A timer circuit is cleared with every
low-to-high or high-to-low logic transition on the watchdog
input pin (WDI), which detects pulses as short as 50 ns. If the
timer counts through the preset watchdog timeout period (tWD),
reset is asserted. The microprocessor is required to toggle the
WDI pin to avoid being reset. Failure of the microprocessor to
toggle WDI within the timeout period, therefore, indicates a
code execution error, and the reset pulse generated restarts the
microprocessor in a known state.
In addition to logic transitions on WDI, the watchdog timer is
also cleared by a reset assertion due to an undervoltage condi-
tion on VCC or by MR being pulled low. When reset is asserted,
the watchdog timer is cleared and does not begin counting again
until reset is deasserted. The watchdog timer can be disabled by
leaving WDI floating or by three-stating the WDI driver.
VCC
1V
VCC
0V
VCC
0V
VTH
0V
VCC
WDI
RESET
tRP
tRP
tWD
Figure 16. Watchdog Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com