Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT12AHZ Datasheet(PDF) 5 Page - Analog Devices

Part # MAT12AHZ
Description  Audio, Dual-Matched NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT12AHZ Datasheet(HTML) 5 Page - Analog Devices

  MAT12AHZ Datasheet HTML 1Page - Analog Devices MAT12AHZ Datasheet HTML 2Page - Analog Devices MAT12AHZ Datasheet HTML 3Page - Analog Devices MAT12AHZ Datasheet HTML 4Page - Analog Devices MAT12AHZ Datasheet HTML 5Page - Analog Devices MAT12AHZ Datasheet HTML 6Page - Analog Devices MAT12AHZ Datasheet HTML 7Page - Analog Devices MAT12AHZ Datasheet HTML 8Page - Analog Devices MAT12AHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MAT12
Rev. 0 | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCE = 5 V, unless otherwise specified.
CH1 2.00V
M4.00s
A CH1
15.8V
1
CH1 4.92V p-p
Figure 2. Low Frequency Noise (0.1 Hz to 10 Hz), IC = 1 mA, Gain = 10,000,000
1k
0.1
1
10
100
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
IC = 1mA TEST
IC = 10µA TEST
IC = 1µA TEST
Figure 3. Noise Voltage Density vs. Frequency
100
0
20
40
60
80
0.001
1
0.1
0.01
COLLECTOR CURRENT, IC (mA)
RS = 100kΩ
RS = 10kΩ
RS = 1kΩ
Figure 4. Total Noise vs. Collector Current, f = 1 kHz
900
800
700
600
500
400
300
200
100
0.001
1
0.1
0.01
COLLECTOR CURRENT (mA)
TA =+25°C
TA =–55°C
TA = +125°C
Figure 5. Current Gain vs. Collector Current (VCB = 0 V)
900
800
700
600
500
400
300
200
0
100
–100
–50
0
50
100
150
TEMPERATURE (°C)
1mA
1µA
Figure 6. Current Gain vs. Temperature (Excludes ICBO)
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.001
0.01
0.1
1
10
COLLECTOR CURRENT, IC (mA)
VCE = 5V
Figure 7. Base Emitter Voltage vs. Collector Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com