Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT12AHZ Datasheet(PDF) 1 Page - Analog Devices

Part # MAT12AHZ
Description  Audio, Dual-Matched NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT12AHZ Datasheet(HTML) 1 Page - Analog Devices

  MAT12AHZ Datasheet HTML 1Page - Analog Devices MAT12AHZ Datasheet HTML 2Page - Analog Devices MAT12AHZ Datasheet HTML 3Page - Analog Devices MAT12AHZ Datasheet HTML 4Page - Analog Devices MAT12AHZ Datasheet HTML 5Page - Analog Devices MAT12AHZ Datasheet HTML 6Page - Analog Devices MAT12AHZ Datasheet HTML 7Page - Analog Devices MAT12AHZ Datasheet HTML 8Page - Analog Devices MAT12AHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Audio, Dual-Matched
NPN Transistor
MAT12
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Very low voltage noise: 1 nV/√Hz maximum @ 100 Hz
Excellent current gain match: 0.5% typical
Low offset voltage (VOS): 200 μV maximum
Outstanding offset voltage drift: 0.03 μV/°C typical
High gain bandwidth product: 200 MHz
PIN CONFIGURATION
NOTE
1. SUBSTRATE IS CONNECTED
TO CASE ON TO-78 PACKAGE.
2. SUBSTRATE IS NORMALLY
CONNECTED TO THE MOST
NEGATIVE CIRCUIT POTENTIAL,
BUT CAN BE FLOATED.
C1
E1
B1
C2
E2
B2
1
6
2
5
3
4
Figure 1. 6-Lead TO-78
GENERAL DESCRIPTION
The MAT12 is a dual, NPN-matched transistor pair that is
specifically designed to meet the requirements of ultralow
noise audio systems.
With its extremely low input base spreading resistance (rbb'
is typically 28 Ω) and high current gain (hFE typically exceeds
600 at IC = 1 mA), the MAT12 can achieve outstanding signal-
to-noise ratios. The high current gain results in superior
performance compared to systems incorporating commercially
available monolithic amplifiers.
Excellent matching of the current gain (ΔhFE) to about 0.5%
and low VOS of less than 10 μV typical make the MAT12 ideal
for symmetrically balanced designs, which reduce high-order
amplifier harmonic distortion.
Stability of the matching parameters is guaranteed by protection
diodes across the base emitter junction. These diodes prevent
degradation of beta and matching characteristics due to reverse
biasing of the base emitter junction.
The MAT12 is also an ideal choice for accurate and reliable
current biasing and mirroring circuits. Furthermore, because
the accuracy of a current mirror degrades exponentially with
mismatches of VBE between transistor pairs, the low VOS of
the MAT12 does not need offset trimming in most circuit
applications.
The MAT12 is a good replacement for the MAT02, and its
performance and characteristics are guaranteed over the
extended temperature range of −40°C to +85°C.


Similar Part No. - MAT12AHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT12AHZ AD-MAT12AHZ Datasheet
266Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. A
More results

Similar Description - MAT12AHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM-2210 AD-SSM-2210 Datasheet
527Kb / 11P
Audio Dual Natched NPN transistor
logo
ON Semiconductor
NST45011MW6T1G ONSEMI-NST45011MW6T1G Datasheet
154Kb / 5P
Dual Matched General Purpose Transistor NPN Matched Pair
October, 2009 ??Rev. 1
logo
Seme LAB
2N2060 SEME-LAB-2N2060 Datasheet
419Kb / 3P
DUAL MATCHED NPN SILICON TRANSISTOR
logo
Analog Devices
SSM2212 AD-SSM2212 Datasheet
260Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. B
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2220SZ AD-SSM2220SZ Datasheet
383Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
SSM2210 AD-SSM2210_15 Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
SSM2212 AD-SSM2212_15 Datasheet
362Kb / 12P
Audio, Dual-Matched NPN Transistor
6/15-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com