Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1712AUJZ-3.0-R71 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1712AUJZ-3.0-R71
Description  300 mA, Low Dropout CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1712AUJZ-3.0-R71 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1712AUJZ-3.0-R71 Datasheet HTML 8Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 9Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 10Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 11Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 12Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 13Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 14Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 15Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP1712/ADP1713/ADP1714
Rev. A | Page 13 of 16
THERMAL CONSIDERATIONS
To guarantee reliable operation, the junction temperature of the
ADP1712/ADP1713/ADP1714 must not exceed 125°C. To
ensure the junction temperature stays below this maximum value,
the user needs to be aware of the parameters that contribute to
junction temperature changes. These parameters include ambient
temperature, power dissipation in the power device, and thermal
resistances between the junction and ambient air (θJA). The θJA
number is dependent on the package assembly compounds used
and the amount of copper to which the GND pin of the package
is soldered on the PCB. Table 5 shows typical θJA values of the
5­lead TSOT package for various PCB copper sizes.
Table 5.
Copper Size (mm2)
θJA
(°C/W)
01
170
50
152
100
146
300
134
500
131
1 Device soldered to minimum size pin traces.
The junction temperature of the ADP1712/ADP1713/ADP1714
can be calculated from the following equation:
TJ = TA + (PD × θJA)
(3)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = [(VIN – VOUT) × ILOAD] + (VIN × IGND)
(4)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are input voltage and output voltage, respectively.
Power dissipation due to ground current is quite small and can
be ignored. Therefore, the junction temperature equation
simplifies to the following:
TJ = TA + {[(VIN – VOUT) × ILOAD] × θJA}
(5)
As shown in Equation 4, for a given ambient temperature, input-
to-output voltage differential, and continuous load current,
there exists a minimum copper size requirement for the PCB to
ensure the junction temperature does not rise above 125°C. The
following figures show junction temperature calculations for
different ambient temperatures, load currents, input-to-output
voltage differentials, and areas of PCB copper.
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
30mA
80mA
100mA
200mA
300mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 33. 500 mm2 of PCB Copper, TA = 25°C
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
30mA
80mA
100mA
200mA
300mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 34. 100 mm2 of PCB Copper, TA = 25°C
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
30mA
80mA
100mA
200mA
300mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 35. 0 mm2 of PCB Copper, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com