Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1712AUJZ-3.0-R71 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1712AUJZ-3.0-R71
Description  300 mA, Low Dropout CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1712AUJZ-3.0-R71 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1712AUJZ-3.0-R71 Datasheet HTML 8Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 9Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 10Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 11Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 12Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 13Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 14Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 15Page - Analog Devices ADP1712AUJZ-3.0-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADP1712/ADP1713/ADP1714
Rev. A | Page 14 of 16
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
30mA
80mA
100mA
200mA
300mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 36. 500 mm2 of PCB Copper, TA = 50°C
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
30mA
80mA
100mA
200mA
300mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 37. 100 mm2 of PCB Copper, TA = 50°C
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
30mA
80mA
100mA
200mA
300mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 38. 0 mm2 of PCB Copper, TA = 50°C
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP1712/
ADP1713/ADP1714. However, as can be seen from Table 5, a
point of diminishing returns eventually is reached, beyond
which an increase in the copper size does not yield significant
heat dissipation benefits.
Place the input capacitor as close as possible to the IN and GND
pins. Place the output capacitor as close as possible to the OUT
and GND pins. For the ADP1712 adjustable version, place the
soft-start capacitor as close as possible to the SS pin. For the
ADP1713, place the internal reference bypass capacitor as close
as possible to the BYP pin. Use of 0402 or 0603 size capacitors
and resistors achieves the smallest possible footprint solution on
boards where area is limited.
GND (BOTTOM)
GND (TOP)
IN
EN
R2
R1
C3
OUT
C2
C1
ADP1712/
ADP1713/
ADP1714
SS/
ADJ/
BYP/
TRK
Figure 39. Example PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com