Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP259YN Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TOP259YN
Description  Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP259YN Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TOP259YN Datasheet HTML 1Page - Power Integrations, Inc. TOP259YN Datasheet HTML 2Page - Power Integrations, Inc. TOP259YN Datasheet HTML 3Page - Power Integrations, Inc. TOP259YN Datasheet HTML 4Page - Power Integrations, Inc. TOP259YN Datasheet HTML 5Page - Power Integrations, Inc. TOP259YN Datasheet HTML 6Page - Power Integrations, Inc. TOP259YN Datasheet HTML 7Page - Power Integrations, Inc. TOP259YN Datasheet HTML 8Page - Power Integrations, Inc. TOP259YN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Rev. F 01/09
4
TOP252-262
www.powerint.com
Figure 3a.
Functional Block Diagram (P and G Packages).
Figure 3b. Functional Block Diagram (M Package).
PI-4643-082907
SHUTDOWN/
AUTO-RESTART
CLOCK
CONTROLLED
TURN-ON
GATE DRIVER
CURRENT LIMIT
COMPARATOR
INTERNAL UV
COMPARATOR
INTERNAL
SUPPLY
5.8 V
4.8 V
SOURCE (S)
SOURCE (S)
S
R
Q
D
MAX
STOP
SOFT
START
CONTROL (C)
VOLTAGE
MONITOR (V)
-
+
5.8 V
I
FB
1 V
Z
C
V
C
+
-
+
-
+
-
LEADING
EDGE
BLANKING
÷ 16
1
HYSTERETIC
THERMAL
SHUTDOWN
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN (D)
ON/OFF
DC
MAX
DC
MAX
0
OV/
UV
OVP
V
VI (LIMIT)
CURRENT
LIMIT
ADJUST
V
BG + VT
LINE
SENSE
SOFT START
OFF
F REDUCTION
F REDUCTION
STOP LOGIC
EXTERNAL
CURRENT
LIMIT (X)
OSCILLATOR
WITH JITTER
PWM
K
PS(UPPER)
K
PS(LOWER)
SOFT START
I
FB
I
PS(UPPER)
I
PS(LOWER)
K
PS(UPPER)
K
PS(LOWER)
PI-4508-120307
SHUTDOWN/
AUTO-RESTART
CLOCK
CONTROLLED
TURN-ON
GATE DRIVER
CURRENT LIMIT
COMPARATOR
INTERNAL UV
COMPARATOR
INTERNAL
SUPPLY
5.8 V
4.8 V
K
PS(UPPER)
K
PS(LOWER)
SOURCE (S)
SOURCE (S)
S
R
Q
D
MAX
STOP
SOFT
START
CONTROL (C)
MULTI-
FUNCTION (M)
-
+
5.8 V
I
FB
Z
C
V
C
+
-
+
-
+
-
LEADING
EDGE
BLANKING
÷ 16
1
HYSTERETIC
THERMAL
SHUTDOWN
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN (D)
ON/OFF
DC
MAX
DC
MAX
0
OV/
UV
OVP
V
VI (LIMIT)
CURRENT
LIMIT
ADJUST
V
BG + VT
LINE
SENSE
SOFT START
SOFT START
I
FB
I
PS(UPPER)
I
PS(LOWER)
K
PS(UPPER)
K
PS(LOWER)
OFF
F REDUCTION
F REDUCTION
STOP LOGIC
OSCILLATOR
WITH JITTER
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com