Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP259YN Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # TOP259YN
Description  Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP259YN Datasheet(HTML) 2 Page - Power Integrations, Inc.

  TOP259YN Datasheet HTML 1Page - Power Integrations, Inc. TOP259YN Datasheet HTML 2Page - Power Integrations, Inc. TOP259YN Datasheet HTML 3Page - Power Integrations, Inc. TOP259YN Datasheet HTML 4Page - Power Integrations, Inc. TOP259YN Datasheet HTML 5Page - Power Integrations, Inc. TOP259YN Datasheet HTML 6Page - Power Integrations, Inc. TOP259YN Datasheet HTML 7Page - Power Integrations, Inc. TOP259YN Datasheet HTML 8Page - Power Integrations, Inc. TOP259YN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Rev. F 01/09
2
TOP252-262
www.powerint.com
EcoSmart
® – Energy Efficient
Energy efficient over entire load range
No-load consumption
Less than 200 mW at 230 VAC
Standby power for 1 W input
>600 mW output at 110 VAC input
>500 mW output at 265 VAC input
Description
TOPSwitch-HX cost effectively incorporates a 700 V power
MOSFET, high voltage switched current source, PWM control,
oscillator, thermal shutdown circuit, fault protection and other
control circuitry onto a monolithic device.
•
•
•
•
•
•
PI-4973-122607
AC
IN
DC
OUT
D
S
C
TOPSwitch-HX
CONTROL
V
+
-
G
X
Figure 2.
Typical Flyback Application TOP259YN, TOP260YN and TOP261YN.
Y Package Option for TOP259-261
In order to improve noise-immunity on large TOPSwitch-HX
Y package parts, the F pin has been removed (TOP259-261YN
are fixed at 66 kHz switching frequency) and replaced with a
SIGNAL GROUND (G) pin. This pin acts as a low noise path for
the C pin capacitor and the X pin resistor. It is only required for
the TOP259-261YN package parts.
Notes for Table 1:
1. Minimum continuous power in a typical non-ventilated
enclosed adapter measured at +50 °C ambient. Use of an
external heat sink will increase power capability.
2. Minimum continuous power in an open frame design at
+50 °C ambient.
3. Peak power capability in any design at +50 °C ambient.
4. 230 VAC or 110/115 VAC with doubler.
5. Packages: P: DIP-8C, G: SMD-8C, M: SDIP-10C,
Y: TO-220-7C, E: eSIP-7C, L: eSIP-7F.
See part ordering information.
6. TOP261 and TOP262 have the same current limit set point. In
some applications TOP262 may run cooler than TOP261 due
to a lower R
DS(ON) for the larger device.
7. TOP256E package parts are available with Green (Halogen
Free) mold compound. See Part Ordering Information on
page 47. Parametrically green material encapsulated E
package parts are identical to non-green parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com