Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89358 Datasheet(PDF) 2 Page - IXYS Corporation

Part # 89358
Description  High Voltage IGBT with Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

89358 Datasheet(HTML) 2 Page - IXYS Corporation

  89358 Datasheet HTML 1Page - IXYS Corporation 89358 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C25; VCE = 10 V
25
33
S
Note 2
C
ies
3700
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
180
pF
C
res
44
pF
Q
g
155
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
30
nC
Q
gc
51
nC
t
d(on)
46
ns
t
ri
57
ns
t
d(off)
270
500
ns
t
fi
50
100
ns
E
off
1.5
3.0 mJ
t
d(on)
48
ns
t
ri
42
ns
E
on
2.5
mJ
t
d(off)
300
ns
t
fi
70
ns
E
off
2.4
mJ
R
thJC
0.65 K/W
R
thCK
0.15
K/W
Inductive load, T
J = 125°
°°°°C
I
C = IC90, VGE = 15 V
R
G = 2.7 Ω, VCE = 0.8 VCES
Note 3
Inductive load, T
J = 25°
°°°°C
I
C = IC90, VGE = 15 V
R
G = 2.7 Ω, VCE = 0.8 VCES
Note 3
IXGR 32N170AH1
Notes: 1. Device must be heatsunk for high temperature leakage current
measurements to avoid thermal runaway.
2. Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
3. Switching times may increase for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G.
4. See DH60-18A and IXGH32N170A datasheets for additional
characteristics
ISOPLUS247 Outline
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F = 20A, VGE = 0 V, Note 2
2.7
V
I
RM
I
F = 50A, VGE = 0 V, -diF/dt = 800 A/µs50
A
t
rr
V
R = 600 V
150
ns
R
thJC
1.5 K/W
See IXGX32N170AH1 for
charcteristic curves



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com