Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89358 Datasheet(PDF) 1 Page - IXYS Corporation

Part # 89358
Description  High Voltage IGBT with Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

89358 Datasheet(HTML) 1 Page - IXYS Corporation

  89358 Datasheet HTML 1Page - IXYS Corporation 89358 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
V
CES
= 1700
V
I
C25
=
26
A
V
CE(sat)
=
5.2
V
t
fi(typ)
=
50 ns
IXGR 32N170AH1
G = Gate,
C = Collector,
E = Emitter
Features
Electrically Isolated tab
High current handling capability
MOS Gate turn-on
- drive simplicity
Rugged NPT structure
Molding epoxies meet UL 94 V-0
flammability classification
Applications
Capacitor discharge & pulser circuits
AC motor speed control
DC servo and robot drives
DC choppers
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
DS99233(11/04)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 1mA, V
GE = 0 V
1700
V
V
GE(th)
I
C
= 250
µA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = 0.8 • VCES
500
µA
V
GE = 0 V
Note 1
T
J = 125°C8
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
4.2
5.2
V
T
J = 125°C
4.8
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
1700
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
1700
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C26
A
I
C90
T
C = 90°C17
A
I
F90
14
A
I
CM
T
C = 25°C, 1 ms
200
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 5Ω
I
CM = 70
A
(RBSOA)
Clamped inductive load
@ 0.8 V
CES
t
SC
T
J = 125°C, VCE = 1200 V; VGE = 15 V, RG = 10Ω
10
µs
P
C
T
C = 25°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
F
C
Mounting force with clamp
22...130/5...30
N/lb
V
ISOL
50/60 Hz, 1 minute
2500
~V
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Weight
5g
High Voltage
IGBT with Diode
Advance Technical Information
Electrically Isolated Tab
ISOLATED TAB
E
G
C
ISOPLUS247 (IXGR)
E153432


Similar Part No. - 89358

ManufacturerPart #DatasheetDescription
logo
3M Electronics
893 3M-893 Datasheet
559Kb / 4P
3M??Scotch짰 Filament Tape 893
logo
Copyright BG
893 BG-893 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
logo
Keystone Electronics Co...
893 KEYSTONE-893 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
FACOM. All rights reser...
893 FACOM-893 Datasheet
280Kb / 1P
Short tape measures
logo
English Chain Co. Ltd
893 50 ENGLISHCHAIN-893 50 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
More results

Similar Description - 89358

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSK35N120BD1 IXYS-IXSK35N120BD1 Datasheet
118Kb / 2P
HIGH VOLTAGE IGBT WITH DIODE
IXSX35N120AU1 IXYS-IXSX35N120AU1 Datasheet
87Kb / 5P
High Voltage IGBT with Diode
IXSK35N120AU1 IXYS-IXSK35N120AU1 Datasheet
40Kb / 2P
High Voltage IGBT with Diode
IXGQ20N120B IXYS-IXGQ20N120B Datasheet
598Kb / 6P
High Voltage IGBT with Diode
IXGR32N170AH1 IXYS-IXGR32N170AH1 Datasheet
528Kb / 2P
High Voltage IGBT with Diode
IXGQ28N120B IXYS-IXGQ28N120B Datasheet
512Kb / 6P
High Voltage IGBT with Diode
IXGH20N120BD1 IXYS-IXGH20N120BD1 Datasheet
495Kb / 5P
High Voltage IGBT with Diode
IXGP20N120B IXYS-IXGP20N120B Datasheet
586Kb / 5P
High Voltage IGBT with Diode
IXGR35N120BD1 IXYS-IXGR35N120BD1 Datasheet
525Kb / 2P
High Voltage IGBT with Diode
IXGX32N170H1 IXYS-IXGX32N170H1 Datasheet
1Mb / 2P
High Voltage IGBT with Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com