Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7528LP Datasheet(PDF) 1 Page - Analog Devices

Part # AD7528LP
Description  CMOS Dual 8-Bit Buffered Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7528LP Datasheet(HTML) 1 Page - Analog Devices

  AD7528LP Datasheet HTML 1Page - Analog Devices AD7528LP Datasheet HTML 2Page - Analog Devices AD7528LP Datasheet HTML 3Page - Analog Devices AD7528LP Datasheet HTML 4Page - Analog Devices AD7528LP Datasheet HTML 5Page - Analog Devices AD7528LP Datasheet HTML 6Page - Analog Devices AD7528LP Datasheet HTML 7Page - Analog Devices AD7528LP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS Dual 8-Bit
Buffered Multiplying DAC
AD7528
FEATURES
On-Chip Latches for Both DACs
+5 V to +15 V Operation
DACs Matched to 1%
Four Quadrant Multiplication
TTL/CMOS Compatible
Latch Free (Protection Schottkys not Required)
APPLICATIONS
Digital Control of:
Gain/Attenuation
Filter Parameters
Stereo Audio Circuits
X-Y Graphics
FUNCTIONAL BLOCK DIAGRAM
VREFA
AD7528
VREFB
RFB B
AGND
VDD
DB0
DB7
DATA
INPUTS
DAC A/
DAC B
CS
WR
DGND
CONTROL
LOGIC
INPUT
BUFFER
LATCH
LATCH
OUT B
OUT A
DAC B
DAC A
RFB A
GENERAL DESCRIPTION
The AD7528 is a monolithic dual 8-bit digital/analog converter
featuring excellent DAC-to-DAC matching. It is available in
skinny 0.3" wide 20-lead DIPs and in 20-lead surface mount
packages.
Separate on-chip latches are provided for each DAC to allow
easy microprocessor interface.
Data is transferred into either of the two DAC data latches via a
common 8-bit TTL/CMOS compatible input port. Control
input
DAC A/DAC B determines which DAC is to be loaded.
The AD7528’s load cycle is similar to the write cycle of a ran-
dom access memory and the device is bus compatible with most
8-bit microprocessors, including 6800, 8080, 8085, Z80.
The device operates from a +5 V to +15 V power supply, dis-
sipating only 20 mW of power.
Both DACs offer excellent four quadrant multiplication charac-
teristics with a separate reference input and feedback resistor for
each DAC.
PRODUCT HIGHLIGHTS
1. DAC-to-DAC matching: since both of the AD7528 DACs are
fabricated at the same time on the same chip, precise match-
ing and tracking between DAC A and DAC B is inherent.
The AD7528’s matched CMOS DACs make a whole new
range of applications circuits possible, particularly in the
audio, graphics and process control areas.
2. Small package size: combining the inputs to the on-chip DAC
latches into a common data bus and adding a
DAC A/DAC B
select line has allowed the AD7528 to be packaged in either a
small 20-lead DIP, SOIC or PLCC.
ORDERING GUIDE
1
Temperature
Relative
Gain
Package
Model
2
Ranges
Accuracy Error
Options
3
AD7528JN
–40
°C to +85°C
±1 LSB
±4 LSB N-20
AD7528KN
–40
°C to +85°C
±1/2 LSB ±2 LSB N-20
AD7528LN
–40
°C to +85°C
±1/2 LSB ±1 LSB N-20
AD7528JP
–40
°C to +85°C
±1 LSB
±4 LSB P-20A
AD7528KP
–40
°C to +85°C
±1/2 LSB ±2 LSB P-20A
AD7528LP
–40
°C to +85°C
±1/2 LSB ±1 LSB P-20A
AD7528JR
–40
°C to +85°C
±1 LSB
±4 LSB R-20
AD7528KR
–40
°C to +85°C
±1/2 LSB ±2 LSB R-20
AD7528LR
–40
°C to +85°C
±1/2 LSB ±1 LSB R-20
AD7528AQ
–40
°C to +85°C
±1 LSB
±4 LSB Q-20
AD7528BQ
–40
°C to +85°C
±1/2 LSB ±2 LSB Q-20
AD7528CQ
–40
°C to +85°C
±1/2 LSB ±1 LSB Q-20
AD7528SQ
–55
°C to +125°C
±1 LSB
±4 LSB Q-20
AD7528TQ
–55
°C to +125°C
±1/2 LSB ±2 LSB Q-20
AD7528UQ
–55
°C to +125°C
±1/2 LSB ±1 LSB Q-20
NOTES
1Analog Devices reserves the right to ship side-brazed ceramic in lieu of cerdip. Parts
will be marked with cerdip designator “Q.”
2Processing to MIL-STD-883C, Class B is available. To order, add suffix “/883B” to
part number. For further information, see Analog Devices’ 1990 Military Products
Databook.
3N = Plastic DIP; P = Plastic Leaded Chip Carrier; Q = Cerdip; R = SOIC.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


Similar Part No. - AD7528LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7528LP AD-AD7528LP Datasheet
188Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
AD7528LP AD-AD7528LP Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LP AD-AD7528LP Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LP AD-AD7528LP Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LP AD-AD7528LP Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results

Similar Description - AD7528LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7528 AD-AD7528 Datasheet
188Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
AD7628 AD-AD7628 Datasheet
193Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV.A
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JNZ AD-AD7528JNZ Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628KNZ AD-AD7628KNZ Datasheet
196Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-8770102RA AD-5962-8770102RA Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LRZ AD-AD7528LRZ Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628_15 Datasheet
196Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com