Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S80ASE Datasheet(PDF) 8 Page - Analog Devices

Part # AD2S80ASE
Description  Variable Resolution, Monolithic esolver-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S80ASE Datasheet(HTML) 8 Page - Analog Devices

Back Button AD2S80ASE Datasheet HTML 4Page - Analog Devices AD2S80ASE Datasheet HTML 5Page - Analog Devices AD2S80ASE Datasheet HTML 6Page - Analog Devices AD2S80ASE Datasheet HTML 7Page - Analog Devices AD2S80ASE Datasheet HTML 8Page - Analog Devices AD2S80ASE Datasheet HTML 9Page - Analog Devices AD2S80ASE Datasheet HTML 10Page - Analog Devices AD2S80ASE Datasheet HTML 11Page - Analog Devices AD2S80ASE Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD2S80A
REV. B
–8–
COMPONENT SELECTION
The following instructions describe how to select the external
components for the converter in order to achieve the required
bandwidth and tracking rate. In all cases the nearest “preferred
value” component should be used, and a 5% tolerance will not
degrade the overall performance of the converter. Care should
be taken that the resistors and capacitors will function over the
required operating temperature range. The components should
be connected as shown in Figure 1.
PG compatible software is available to help users select the optimum
component values for the AD2S80A, and display the transfer gain,
phase and small step response.
For more detailed information and explanation, see section “CIR-
CUIT FUNCTIONS AND DYNAMIC PERFORMANCE.”
1. HF Filter (R1, R2, C1, C2)
The function of the HF filter is to remove any dc offset and
to reduce the amount of noise present on the signal inputs to
the AD2S80A, reaching the Phase Sensitive Detector and
affecting the outputs. R1 and C2 may be omitted—in which
case R2 = R3 and C1 = C3, calculated below—but their use
is particularly recommended if noise from switch mode power
supplies and brushless motor drive is present.
Values should be chosen so that
and fREF = Reference frequency
(Hz)
This filter gives an attenuation of three times at the input to
the phase sensitive detector.
2. Gain Scaling Resistor (R4)
If R1, C2 are used:
R4
=
EDC
100
×10–9
×
1
3
Ω
where 100
× 10–9 = current/LSB
If R1, C2 are not used:
R4
=
E
DC
100
× 10
–9 Ω
where EDC = 160
× 10–3 for 10 bits resolution
= 40
× 10–3 for 12 bits
= 10
× 10–3 for 14 bits
= 2.5
× 10–3 for 16 bits
= Scaling of the DC ERROR in volts
3. AC Coupling of Reference Input (R3, C3)
Select R3 and C3 so that there is no significant phase shift at
the reference frequency. That is,
R 3
= 100 kΩ
C 3
>
1
R 3
× f
REF
F
with R3 in
Ω.
4. Maximum Tracking Rate (R6)
The VCO input resistor R6 sets the maximum tracking rate
of the converter and hence the velocity scaling as at the max
tracking rate, the velocity output will be 8 V.
Decide on your maximum tracking rate, “T,” in revolutions
per second. Note that “T” must not exceed the maximum
tracking rate or 1/16 of the reference frequency.
R6
=
6. 32
× 10
10
T
× n
Ω
where n = bits per revolution
= 1,024 for 10 bits resolution
= 4,096 for 12 bits
= 16,384 for 14 bits
= 65,536 for 16 bits
5. Closed-Loop Bandwidth Selection (C4, C5, R5)
a. Choose the closed-loop bandwidth (fBW) required
ensuring that the ratio of reference frequency to band-
width does not exceed the following guidelines:
Resolution
Ratio of Reference Frequency/Bandwidth
10
2.5 : 1
12
4
: 1
14
6
: 1
16
7.5
: 1
Typical values may be 100 Hz for a 400 Hz reference frequency
and 500 Hz to 1000 Hz for a 5 kHz reference frequency.
b. Select C4 so that
C4
=
21
R6
× fBW2
F
with R6 in
Ω and fBW, in Hz selected above.
c. C5 is given by
C5
= 5 × C4
d. R5 is given by
R5
=
4
2
×π × f
BW × C 5
Ω
6. VCO Phase Compensation
The following values of C6 and R7 should be fitted.
C6
= 470 pF, R7 = 68 Ω
7. Offset Adjust
Offsets and bias currents at the integrator input can cause an
additional positional offset at the output of the converter of
1 arc minute typical, 5.3 arc minutes maximum. If this can be
tolerated, then R8 and R9 can be omitted from the circuit.
If fitted, the following values of R8 and R9 should be used:
R8
= 4.7 MΩ, R9 = 1 MΩ potentiometer
To adjust the zero offset, ensure the resolver is disconnected
and all the external components are fitted. Connect the COS
pin to the REFERENCE INPUT and the SIN pin to the
SIGNAL GROUND and with the power and reference
applied, adjust the potentiometer to give all “0s” on the
digital output bits.
The potentiometer may be replaced with select on test resistors
if preferred.
CC
k
R
R
k
CC
Rf
REF
12
15
12
56
12
1
21
==
Ω ≤
=
≤
Ω
==
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com