Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S80ASE Datasheet(PDF) 14 Page - Analog Devices

Part # AD2S80ASE
Description  Variable Resolution, Monolithic esolver-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S80ASE Datasheet(HTML) 14 Page - Analog Devices

Back Button AD2S80ASE Datasheet HTML 8Page - Analog Devices AD2S80ASE Datasheet HTML 9Page - Analog Devices AD2S80ASE Datasheet HTML 10Page - Analog Devices AD2S80ASE Datasheet HTML 11Page - Analog Devices AD2S80ASE Datasheet HTML 12Page - Analog Devices AD2S80ASE Datasheet HTML 13Page - Analog Devices AD2S80ASE Datasheet HTML 14Page - Analog Devices AD2S80ASE Datasheet HTML 15Page - Analog Devices AD2S80ASE Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD2S80A
REV. B
–14–
OSCILLATOR
(e.g., OSC1758)
C3
R3
TWISTED PAIR SCREENED CABLE
RESOLVER
S2
S4
S3
S1
R1
R2
1
2
3
4
5
6
7
31
AD2S80A
REF I/P
COS I/P
ANALOG
GND
DIGITAL
GND
SIGNAL
GND
SIN I/P
POWER RETURN
Figure 7. Connecting the AD2S80A to a Resolver
CONNECTING THE RESOLVER
The recommended connection circuit is shown in Figure 7.
In cases where the reference phase relative to the input signals
from the resolver requires adjustment, this can be easily
achieved by varying the value of the resistor R2 of the HF filter
(see Figure 1).
Assuming that R1 = R2 = R and C1 = C2 = C
and Reference Frequency =
1
2
π RC
by altering the value of R2, the phase of the reference relative to
the input signals will change in an approximately linear manner
for phase shifts of up to 10 degrees.
Increasing R2 by 10% introduces a phase lag of 2 degrees.
Decreasing R2 by 10% introduces a phase lead of 2 degrees.
C
R
PHASE LEAD = ARC TAN
1
2 fRC
R
C
PHASE LAG = ARC TAN 2 fRC
Phase Shift Circuits
TYPICAL CIRCUIT CONFIGURATION
Figure 8 shows a typical circuit configuration for the AD2S80A
in a 12-bit resolution mode. Values of the external components
have been chosen for a reference frequency of 5 kHz and a
maximum tracking rate of 260 rps with a bandwidth of 520 Hz.
Placing the values for R4, R6, C4 and C5 in the equation for KA
gives a value of 1.67
× 106. The resistors are 0.125 W, 5% toler-
ance preferred values. The capacitors are 100 V ceramic, 10%
tolerance components.
For signal and reference voltages greater than 2 V rms a simple
voltage divider circuit of resistors can be used to generate the
correct signal level at the converter. Care should be taken to
ensure that the ratios of the resistors between the sine signal line
and ground and the cosine signal line and ground are the same.
Any difference will result in an additional position error.
For more information on resistive scaling of SIN, COS and
REFERENCE converter inputs refer to the application note,
“Circuit Applications of the 2S81 and 2S81 Resolver-to-Digital
Converters.”
RELIABILITY
The AD2S80A Mean Time Between Failures (MTBF) has been
calculated according to MIL-HDBK-217E, Figure 10 shows the
MTBF in hours in naval sheltered conditions for AD2S80A/
883B only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com