Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S80ATE Datasheet(PDF) 9 Page - Analog Devices

Part # AD2S80ATE
Description  Variable Resolution, Monolithic esolver-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S80ATE Datasheet(HTML) 9 Page - Analog Devices

Back Button AD2S80ATE Datasheet HTML 5Page - Analog Devices AD2S80ATE Datasheet HTML 6Page - Analog Devices AD2S80ATE Datasheet HTML 7Page - Analog Devices AD2S80ATE Datasheet HTML 8Page - Analog Devices AD2S80ATE Datasheet HTML 9Page - Analog Devices AD2S80ATE Datasheet HTML 10Page - Analog Devices AD2S80ATE Datasheet HTML 11Page - Analog Devices AD2S80ATE Datasheet HTML 12Page - Analog Devices AD2S80ATE Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD2S80A
REV. B
–9–
DATA TRANSFER
To transfer data the
INHIBIT input should be used. The data
will be valid 600 ns after the application of a logic “LO” to the
INHIBIT. This is regardless of the time when the INHIBIT is
applied and allows time for an active BUSY to clear. By using
the
ENABLE input the two bytes of data can be transferred
after which the
INHIBIT should be returned to a logic “HI”
state to enable the output latches to be updated.
BUSY Output
The validity of the output data is indicated by the state of the
BUSY output. When the input to the converter is changing, the
signal appearing on the BUSY output is a series of pulses at
TTL level. A BUSY pulse is initiated each time the input moves
by the analog equivalent of one LSB and the internal counter is
incremented or decremented.
INHIBIT Input
The
INHIBIT logic input only inhibits the data transfer from
the up-down counter to the output latches and, therefore, does
not interrupt the operation of the tracking loop. Releasing the
INHIBIT automatically generates a BUSY pulse to refresh the
output data.
ENABLE Input
The
ENABLE input determines the state of the output data. A
logic “HI” maintains the output data pins in the high imped-
ance condition, and the application of a logic “LO” presents the
data in the latches to the output pins. The operation of the
ENABLE has no effect on the conversion process.
BYTE SELECT Input
The BYTE SELECT input selects the byte of the position data
to be presented at the data output DB1 to DB8. The least signifi-
cant byte will be presented on data output DB9 to DB16 (with
the
ENABLE input taken to a logic “LO”) regardless of the
state of the BYTE SELECT pin. Note that when the AD2S80A is
used with a resolution less than 16 bits the unused data lines are
pulled to a logic “LO.” A logic “HI” on the BYTE SELECT input
will present the eight most significant data bits on data output
DB1 and DB8. A logic “LO” will present the least significant
byte on data outputs 1 to 8, i.e., data outputs 1 to 8 will dupli-
cate data outputs 9 to 16.
The operation of the BYTE SELECT has no effect on the con-
version process of the converter.
RIPPLE CLOCK
As the output of the converter passes through the major carry,
i.e., all “1s” to all “0s” or the converse, a positive going edge on
the RIPPLE CLOCK (RC) output is initiated indicating that a
revolution, or a pitch, of the input has been completed.
The minimum pulse width of the ripple clock is 300 ns. RIPPLE
CLOCK is normally set high before a BUSY pulse and resets
before the next positive going edge of the next consecutive pulse.
The only exception to this is when DIR changes while the
RIPPLE CLOCK is high. Resetting of the RIPPLE clock will
only occur if the DIR remains stable for two consecutive posi-
tive BUSY pulse edges.
If the AD2S80A is being used in a pitch and revolution count-
ing application, the ripple and busy will need to be gated to
prevent false decrement or increment (see Figure 2).
RIPPLE CLOCK is unaffected by
INHIBIT.
IN4148
IN4148
RIPPLE
CLOCK
5V
5k
BUSY
5V
10k
1k
0V
TO COUNTER
(CLOCK)
NOTE: DO NOT USE ABOVE CCT WHEN
INHIBIT IS "LO."
2N3904
Figure 2. Diode Transistor Logic Nand Gate
DIRECTION Output
The DIRECTION (DIR) logic output indicates the direction of
the input rotation. Any change in the state of DIR precedes the
corresponding BUSY, DATA and RIPPLE CLOCK updates.
DIR can be considered as an asynchronous output and can
make multiple changes in state between two consecutive LSB
update cycles. This corresponds to a change in input rotation
direction but less than 1 LSB.
DIGITAL TIMING
t4
BUSY
RIPPLE
CLOCK
DATA
DIR
DATA
BYTE
SELECT
DATA
INHIBIT
INHIBIT
ENABLE
VH
VL
VH
VH
VL
VH
VH
VL
VL
VL
VH
VL
VL
VZ
VH
VH
VL
t13
t12
t10
t7
t6
t2
t1
t3
t5
t9
t11
t8
PARAMETER
TMIN
TMAX
CONDITION
t1
200
600
BUSY WIDTH VH–VH
t2
10
25
RIPPLE CLOCK VH TO BUSY VH
t3
470
580
RIPPLE CLOCK VL TO NEXT BUSY VH
t4
16
45
BUSY VH TO DATA VH
t5
3
25
BUSY VH TO DATA VL
t6
70
140
INHIBIT V
H TO BUSY VH
t7
485
625
MIN DIR VH TO BUSY VH
t8
515
670
MIN DIR VH TO BUSY VH
t9
–
600
INHIBIT V
L TO DATA STABLE
t10
40
110
ENABLE V
L TO DATA VH
t11
35
110
ENABLE V
L TO DATA VL
t12
60
140
BYTE SELECT VL TO DATA STABLE
t13
60
125
BYTE SELECT VH TO DATA STABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com