Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S80ATE Datasheet(PDF) 13 Page - Analog Devices

Part # AD2S80ATE
Description  Variable Resolution, Monolithic esolver-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S80ATE Datasheet(HTML) 13 Page - Analog Devices

Back Button AD2S80ATE Datasheet HTML 8Page - Analog Devices AD2S80ATE Datasheet HTML 9Page - Analog Devices AD2S80ATE Datasheet HTML 10Page - Analog Devices AD2S80ATE Datasheet HTML 11Page - Analog Devices AD2S80ATE Datasheet HTML 12Page - Analog Devices AD2S80ATE Datasheet HTML 13Page - Analog Devices AD2S80ATE Datasheet HTML 14Page - Analog Devices AD2S80ATE Datasheet HTML 15Page - Analog Devices AD2S80ATE Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD2S80A
REV. B
–13–
VELOCITY ERRORS
The signal at the INTEGRATOR OUTPUT pin relative to the
ANALOG GROUND pin is an analog voltage proportional to
the rate of change of the input angle. This signal can be used to
stabilize servo loops or in the place of a velocity transducer.
Although the conversion loop of the AD2S80A includes a digital
section there is an additional analog feedback loop around the
velocity signal. This ensures against flicker in the digital posi-
tional output in both dynamic and static states.
A better quality velocity signal will be achieved if the following
points are considered:
1. Protection.
The velocity signal should be buffered before use.
2. Reversion error.
1
The reversion error can be nulled by varying one supply rail
relative to the other.
3. Ripple and Noise.
Noise on the input signals to the converter is the major cause of
noise on the velocity signal. This can be reduced to a minimum
if the following precautions are taken:
The resolver is connected to the converter using separate
twisted pair cable for the sine, cosine and reference signals.
Care is taken to reduce the external noise wherever possible.
An HF filter is fltted before the Phase Sensitive Demodulator
(as described in the section HF FILTER).
A resolver is chosen that has low residual voltage, i.e., a small
signal in quadrature with the reference.
Components are selected to operate the AD2S80A with the
lowest acceptable bandwidth.
Feedthrough of the reference frequency should be removed by
a filter on the velocity signal.
Maintenance of the input signal voltages at 2 V rms will
prevent LSB flicker at the positional output. The analog
feedback or hysteresis employed around the VCO and the
intergrator is a function of the input signal levels (see sec-
tion “INTEGRATOR”) .
Following the preceding precautions will allow the user to use
the velocity signal in very noisy environments, for example,
PWM motor drive applications. Resolver/converter error curves
may exhibit apparent acceleration/deceleration at a constant
velocity. This results in ripple on the velocity signal of frequency
twice the input rotation.
1Reversion error, or side-to-side nonlinearity, is a result of differences in the
up and down rates of the VCO.
SOURCES OF ERRORS
Integrator Offset
Additional inaccuracies in the conversion of the resolver signals
will result from an offset at the input to the integrator as it will
be treated as an error signal. This error will typically be 1 arc
minute over the operating temperature range.
A description of how to adjust from zero offset is given in the
section “COMPONENT SELECTION” and the circuit required
is shown in Figure 1.
Differential Phase Shift
Phase shift between the sine and cosine signals from the resolver
is known as differential phase shift and can cause static error.
Some differential phase shift will be present on all resolvers as a
result of coupling. A small resolver residual voltage (quadrature
voltage) indicates a small differential phase shift. Additional phase
shift can be introduced if the sine channel wires and the cosine
channel wires are treated differently. For instance, different cable
lengths or different loads could cause differential phase shift.
The additional error caused by differential phase shift on the
input signals approximates to
Error = 0.53 a
× b arc minutes
where a = differential phase shift (degrees).
b = signal to reference phase shift (degrees).
This error can be minimized by choosing a resolver with a small
residual voltage, ensuring that the sine and cosine signals are
handled identically and removing the reference phase shift (see
section “CONNECTING THE RESOLVER”). By taking these
precautions the extra error can be made insignificant.
Under static operating conditions phase shift between the refer-
ence and the signal lines alone will not theoretically affect the
converter’s static accuracy.
However, most resolvers exhibit a phase shift between the signal
and the reference. This phase shift will give rise under dynamic
conditions to an additional error defined by:
Shaft Speed (rps)
× Phase Shift (Degrees )
Reference Frequency
For example, for a phase shift of 20 degrees, a shaft rotation of
22 rps and a reference frequency of 5 kHz, the converter will
exhibit an additional error of:
22
× 20
5000
0.088 Degrees
This effect can be eliminated by placing a phase shift in the
reference to the converter equivalent to the phase shift in the
resolver (see section “CONNECTING THE RESOLVER”).
Note: Capacitive and inductive crosstalk in the signal and reference
leads and wiring can cause similar problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com