Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH16N20D2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH16N20D2
Description  Depletion Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH16N20D2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH16N20D2 Datasheet HTML 1Page - IXYS Corporation IXTH16N20D2 Datasheet HTML 2Page - IXYS Corporation IXTH16N20D2 Datasheet HTML 3Page - IXYS Corporation IXTH16N20D2 Datasheet HTML 4Page - IXYS Corporation IXTH16N20D2 Datasheet HTML 5Page - IXYS Corporation IXTH16N20D2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTH16N20D2
IXTT16N20D2
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 8A, Note 1
7
12
S
C
iss
5500
pF
C
oss
V
GS = -10V, VDS = 25V, f = 1MHz
1360
pF
C
rss
607
pF
t
d(on)
46
ns
t
r
130
ns
t
d(off)
270
ns
t
f
135
ns
Q
g(on)
208
nC
Q
gs
V
GS = + 5V, VDS = 100V, ID = 8A
28
nC
Q
gd
110
nC
R
thJC
0.18
°C/W
R
thCS
0.21
°C/W
Safe-Operating-Area Specification
Characteristic Values
Symbol
Test Conditions
Min.
Typ.
Max.
SOA
V
DS = 200V, ID = 2.1A, TC = 75°C, tp = 5s
420
W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
SD
I
F = 16A, VGS = -10V, Note 1
0.8
1.3
V
t
rr
265
ns
I
RM
14.3
A
Q
RM
1.9
μC
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Resistive Switching Times
V
GS = + 5V, VDS = 100V, ID = 8A
R
G = 3.3Ω (External)
I
F = 8A, -di/dt = 100A/μs
V
R = 100V, VGS = -10V
e
∅ P
TO-247 Outline
1
2
3
Terminals: 1 - Gate
2 - Drain
3 - Source
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
TO-268 Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com