Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH16N20D2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTH16N20D2
Description  Depletion Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH16N20D2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTH16N20D2 Datasheet HTML 1Page - IXYS Corporation IXTH16N20D2 Datasheet HTML 2Page - IXYS Corporation IXTH16N20D2 Datasheet HTML 3Page - IXYS Corporation IXTH16N20D2 Datasheet HTML 4Page - IXYS Corporation IXTH16N20D2 Datasheet HTML 5Page - IXYS Corporation IXTH16N20D2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
IXTH16N20D2
IXTT16N20D2
Fig. 1. Output Characteristics @ TJ = 25ºC
0
2
4
6
8
10
12
14
16
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VDS - Volts
VGS = 5V
4V
3V
2V
-2V
- 3V
1V
0V
-1V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
VDS - Volts
0V
1V
2V
- 1V
-2V
VGS = 5V
1V
1.5V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
2
4
6
8
10
12
14
16
0
0.2
0.4
0.6
0.8
1
1.2
VDS - Volts
-1V
-2V
-3V
VGS = 5V
4V
3V
2V
1V
0V
Fig. 6. Dynamic Resistance vs. Gate Voltage
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
-5
-4
-3
-2
-1
0
VGS - Volts
TJ = 25ºC
TJ = 100ºC
∆VDS = 50V - 25V
Fig. 4. Drain Current @ TJ = 25ºC
0
4
8
12
16
20
24
28
32
36
010
20
30
40
50
VDS - Volts
VGS = 0V
- 0.4V
- 0.8V
- 1.2V
- 1.6V
- 2.0V
- 2.4V
Fig. 5. Drain Current @ TJ = 100ºC
0
4
8
12
16
20
24
28
32
36
40
0
1020
304050
VDS - Volts
VGS = 0V
- 0.4V
- 0.8V
- 1.2V
- 1.6V
- 2.0V
- 2.4V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com