Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7851 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7851
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7851 Datasheet HTML 17Page - Analog Devices AD7851 Datasheet HTML 18Page - Analog Devices AD7851 Datasheet HTML 19Page - Analog Devices AD7851 Datasheet HTML 20Page - Analog Devices AD7851 Datasheet HTML 21Page - Analog Devices AD7851 Datasheet HTML 22Page - Analog Devices AD7851 Datasheet HTML 23Page - Analog Devices AD7851 Datasheet HTML 24Page - Analog Devices AD7851 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
–21–
REV. B
AD7851
Table VII. Power Consumption vs. Throughput
Throughput Rate
Power AD7851
1 kSPS
9 mW
2 kSPS
18 mW
THROUGHPUT RATE (Hz)
100
10
0.01
0
2000
200
1
400
600
800 1000 1200 1400 1600 1800
0.1
Figure 26. Power vs. Throughput AD7851
NOTE
When setting the power-down mode by writing to the part,
operating in an interface mode other than Interface Modes 4
and 5 is recommended. This way the user has more control to
initiate power-down and power-up commands.
CALIBRATION SECTION
Calibration Overview
The automatic calibration that is performed on power-up ensures
that the calibration options covered in this section will not be
required for a significant number of applications. The user will
not have to initiate a calibration unless the operating conditions
change (CLKIN frequency, analog input mode, reference voltage,
temperature, and supply voltages). The AD7851 has a number of
calibration features that may be required in some applications,
and there are a number of advantages in performing these differ-
ent types of calibration. First, the internal errors in the ADC can
be reduced significantly to give superior dc performance; and
second, system offset and gain errors can be removed. This allows
the user to remove reference errors (whether internal or external
references) and to make use of the full dynamic range of the
AD7851 by adjusting the analog input range of the part for a
specific system.
The AD7851 has two main calibration modes: self-calibration
and system calibration. There are various options in both self-
calibration and system calibration as outlined previously in
Table III. All the calibration functions can be initiated by puls-
ing the
CAL pin or by writing to the control register and setting
the STCAL bit to 1. The timing diagrams that follow involve
using the
CAL pin.
The duration of each of the different types of calibrations is
given in Table VIII for the AD7851 with a 6 MHz/7 MHz mas-
ter clock. These calibration times are master-clock dependent.
Table VIII. Calibration Times (AD7851 with 6 MHz CLKIN)
Type of Self- or System Calibration
Time (ms)
Full
41.7
Gain + Offset
9.26
Offset
4.63
Gain
4.63
Automatic Calibration on Power-On
The
CAL pin has a 0.15
µA pull-up current source connected to it
internally to allow for an automatic full self-calibration on power-
on. A full self-calibration will be initiated on power-on if a 10 nF
capacitor is connected from the
CAL pin to DGND. The internal
current source connected to the
CAL pin charges up the external
capacitor and the time required to charge the external capacitor
will depend on the size of the capacitor itself. This time should be
large enough to ensure that the internal reference is settled before
the calibration is performed. However, if an external reference is
being used, this reference must have stabilized before the auto-
matic calibration is initiated (a larger capacitor on the
CAL pin
should be used if the external reference has not settled when the
autocalibration is initiated). Once the capacitor on the
CAL pin
has charged, the calibration will be performed and will take 32 ms
(4 MHz CLKIN). Therefore, the autocalibration should be com-
plete before operating the part. After calibration, the part is accu-
rate to the 12-bit level and the specifications quoted on the data
sheet apply. There will be no need to perform another calibra-
tion unless the operating conditions change or unless a system
calibration is required.
Self-Calibration Description
There are a four different calibration options within the self-
calibration mode. There is a full self-calibration where the
DAC, internal offset, and internal gain errors are calibrated
out; there is (Gain + Offset) self-calibration which calibrates
out the internal gain error and then the internal offset errors
(the internal DAC is not calibrated here); and finally, there are
self-offset and self-gain calibrations that calibrate out the inter-
nal offset errors and the internal gain errors, respectively.
The internal capacitor DAC is calibrated by trimming each of the
capacitors in the DAC. It is the ratio of these capacitors to each
other that is critical, and so the calibration algorithm ensures
that this ratio is at a specific value by the end of the calibration
routine. For the offset and gain there are two separate capaci-
tors, one of which is trimmed when an offset or gain calibration
is performed. Again, it is the ratio of these capacitors to the
capacitors in the DAC that is critical and the calibration algo-
rithm ensures that this ratio is at a specified value for both
the offset and gain calibrations.
In bipolar mode, the midscale error is adjusted for an offset cali-
bration and the positive full-scale error is adjusted for the gain
calibration; in unipolar mode, the zero-scale error is adjusted for
an offset calibration and the positive full-scale error is adjusted
for a gain calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com