Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8211 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8211
Description  High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8211 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8211 Datasheet HTML 8Page - Analog Devices AD8211 Datasheet HTML 9Page - Analog Devices AD8211 Datasheet HTML 10Page - Analog Devices AD8211 Datasheet HTML 11Page - Analog Devices AD8211 Datasheet HTML 12Page - Analog Devices AD8211 Datasheet HTML 13Page - Analog Devices AD8211 Datasheet HTML 14Page - Analog Devices AD8211 Datasheet HTML 15Page - Analog Devices AD8211 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8211
Rev. A | Page 13 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Figure 28. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8211YRJZ-R2
−40°C to +125°C
5-Lead SOT-23
RJ-5
Y02
AD8211YRJZ-RL
−40°C to +125°C
5-Lead SOT-23
RJ-5
Y02
AD8211YRJZ-RL7
−40°C to +125°C
5-Lead SOT-23
RJ-5
Y02
AD8211WYRJZ-R7
−40°C to +125°C
5-Lead SOT-23
RJ-5
Y3N
AD8211WYRJZ-RL
−40°C to +125°C
5-Lead SOT-23
RJ-5
Y3N
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8211WYRJZ models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com