Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3513 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3513
Description  2A High Side Load Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3513 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3513 Datasheet HTML 1Page - Anpec Electronics Coropration APL3513 Datasheet HTML 2Page - Anpec Electronics Coropration APL3513 Datasheet HTML 3Page - Anpec Electronics Coropration APL3513 Datasheet HTML 4Page - Anpec Electronics Coropration APL3513 Datasheet HTML 5Page - Anpec Electronics Coropration APL3513 Datasheet HTML 6Page - Anpec Electronics Coropration APL3513 Datasheet HTML 7Page - Anpec Electronics Coropration APL3513 Datasheet HTML 8Page - Anpec Electronics Coropration APL3513 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - May., 2010
APL3513
www.anpec.com.tw
3
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=5V, VEN =5V or VENB=0V and TA= -40 ~ 85
oC. Typical values are
at T
A=25
oC.
APL3513
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
No load, VEN=0V
-
-
1
µA
VIN Supply Current
No load, VEN=5V
-
65
100
µA
Leakage Current
VOUT=GND, VEN=0V
-
-
1
µA
Reverse Leakage Current
VIN=GND, VOUT=5V, VEN=0V
-
-
1
µA
POWER SWITCH
RDS(ON)
Power Switch On Resistance
IOUT=1.5A, TA= 25
oC
-
70
90
m
Ω
UNDER-VOLTAGE LOCKOUT (UVLO)
VIN UVLO Threshold Voltage
VIN rising, TA= -40 ~ 85
oC
2.3
-
2.65
V
VIN UVLO Hysteresis
-
0.2
-
V
CURRENT-LIMIT AND SHORT-CIRCUIT PROTECTIONS
ILIM
Current Limit Threshold
VIN=2.7V to 5.5V, TA= -40 ~ 85
oC
2.1
2.5
3.6
A
ISHORT
Short-Circuit Output Current
VIN=2.7V to 5.5V
-
0.8
-
A
EN INPUT PIN
VIH
Input Logic HIGH
VIN=2.7V to 5V
2
-
-
V
VIL
Input Logic LOW
VIN=2.7V to 5V
-
-
0.8
V
Input Current
-
-
1
µA
VOUT Discharge Resistance
VEN=0V
-
150
-
Ω
tD(ON)
Turn on Delay Time
-
30
-
µs
tD(OFF)
Turn off Delay Time
-
30
-
µs
tSS
Soft-Start Time
No load, COUT=1
µF, V
IN=5V
-
400
-
µs
OVER-TEMPERATURE PROTECTION (OTP)
TOTP
Over-Temperature Threshold
TJ rising
-
140
-
°C
Over-Temperature Hysteresis
-
20
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com