Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3513 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3513
Description  2A High Side Load Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3513 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3513 Datasheet HTML 2Page - Anpec Electronics Coropration APL3513 Datasheet HTML 3Page - Anpec Electronics Coropration APL3513 Datasheet HTML 4Page - Anpec Electronics Coropration APL3513 Datasheet HTML 5Page - Anpec Electronics Coropration APL3513 Datasheet HTML 6Page - Anpec Electronics Coropration APL3513 Datasheet HTML 7Page - Anpec Electronics Coropration APL3513 Datasheet HTML 8Page - Anpec Electronics Coropration APL3513 Datasheet HTML 9Page - Anpec Electronics Coropration APL3513 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - May., 2010
APL3513
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
Turn-On Rising Time vs.
Junction Temperature
Junction Temperature (oC)
V
IN = 5V, RLOAD =30Ω,
C
IN = 33µF/Elctrolytic, COUT =1µF/X7R
-50
0
50
100
150
0
100
200
600
700
300
400
500
Switch Off Supply Current vs.
Junction Temperature
Junction Temperature (oC)
V
IN = 5V, RLOAD = Open,
C
IN = COUT =33µF/Elctrolytic
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Voltage vs. Output Current
0
1
2
3
4
5
6
Output Current (A)
V
IN = 5V, TA=25℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Turn-Off Falling Time vs. Junction
Temperature
V
IN = 5V, RLOAD =30Ω,
C
IN = 33µF/Elctrolytic, COUT =1µF/X7R
Junction Temperature (oC)
-50
0
50
100
150
100
150
200
50
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com