Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP1302 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP1302
Description  TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP1302 Datasheet(HTML) 1 Page - Motorola, Inc

  MTP1302 Datasheet HTML 1Page - Motorola, Inc MTP1302 Datasheet HTML 2Page - Motorola, Inc MTP1302 Datasheet HTML 3Page - Motorola, Inc MTP1302 Datasheet HTML 4Page - Motorola, Inc MTP1302 Datasheet HTML 5Page - Motorola, Inc MTP1302 Datasheet HTML 6Page - Motorola, Inc MTP1302 Datasheet HTML 7Page - Motorola, Inc MTP1302 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Advance Information
HDTMOS E-FET™
High Density Power FET
N–Channel Enhancement–Mode Silicon Gate
This advanced high cell density HDTMOS power FET is
designed to withstand high energy in the avalanche and commuta-
tion modes. This new energy efficient design also offers a
drain–to–source diode with a fast recovery time. Designed for low
voltage, high speed switching applications in power supplies,
converters and PWM motor controls, these devices are particularly
well suited for bridge circuits where diode speed and commutating
safe operating area are critical and offer additional safety margin
against unexpected voltage transients.
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
• Diode Is Characterized for Use In Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
30
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate–to–Source Voltage — Continuous
— Non–Repetitive (tp
≤ 10 ms)
VGS
VGSM
± 20
± 20
Vdc
Vpk
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
42
20
126
Adc
Apk
Total Power Dissipation
Derate above 25
°C
PD
74
0.592
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, Peak IL = 42 Apk, L = 0.25 mH, RG = 25 Ω)
EAS
220
mJ
Thermal Resistance
Junction to Case
Junction–to–Ambient
R
θJC
R
θJA
1.67
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from Case for 5 seconds
TL
260
°C
This document contains information on a new product. Specifications and information herein are subject to change without notice.
E–FET and HDTMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Order this document
by MTP1302/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
CASE 221A–06
TO–220AB
MTP1302
TMOS POWER FET
42 AMPERES
30 VOLTS
RDS(on) = 22 mW
™


Similar Part No. - MTP1302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP1302 ONSEMI-MTP1302 Datasheet
265Kb / 8P
N?묬hannel Power MOSFET
February, 2005 ??Rev. XXX
logo
Inchange Semiconductor ...
MTP1302 ISC-MTP1302 Datasheet
394Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MTP1302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
MTP1306 MOTOROLA-MTP1306 Datasheet
171Kb / 8P
TMOS POWER FET 75 AMPERES 30 VOLTS RDS(on) = 0.0065 OHM
MTP30N06VL MOTOROLA-MTP30N06VL Datasheet
207Kb / 8P
TMOS POWER FET 30 AMPERES 60 VOLTS RDS(on) = 0.050 OHM
MTP30P06V MOTOROLA-MTP30P06V Datasheet
191Kb / 8P
TMOS POWER FET 30 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP50N06VL MOTOROLA-MTP50N06VL Datasheet
195Kb / 8P
TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.032 OHM
MTP55N06Z MOTOROLA-MTP55N06Z Datasheet
143Kb / 6P
TMOS POWER FET 55 AMPERES 60 VOLTS RDS(on) = 18 mohm
MTP75N03HDL MOTOROLA-MTP75N03HDL Datasheet
235Kb / 8P
TMOS POWER FET LOGIC LEVEL 75 AMPERES RDS(on) = 9.0 mOHM 25 VOLTS
MTP75N06HD MOTOROLA-MTP75N06HD Datasheet
275Kb / 8P
TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com