Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP1302 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTP1302
Description  TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP1302 Datasheet(HTML) 3 Page - Motorola, Inc

  MTP1302 Datasheet HTML 1Page - Motorola, Inc MTP1302 Datasheet HTML 2Page - Motorola, Inc MTP1302 Datasheet HTML 3Page - Motorola, Inc MTP1302 Datasheet HTML 4Page - Motorola, Inc MTP1302 Datasheet HTML 5Page - Motorola, Inc MTP1302 Datasheet HTML 6Page - Motorola, Inc MTP1302 Datasheet HTML 7Page - Motorola, Inc MTP1302 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP1302
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On–Resistance versus
Drain Current and Temperature
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–To–Source Leakage
Current versus Voltage
1.0
0
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
5.0
10
40
ID, DRAIN CURRENT (AMPS)
0.01
–25
–50
TJ, JUNCTION TEMPERATURE (°C)
3.0
2.0
1.0
0
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
5.0
20
1000
100
10
1.0
0.1
0
0
0.4
0.8
1.2
10
20
30
50
25
10
30
15
40
2.5
1.0
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
10
0
1.5
2.0
5.0
30
45
10
ID, DRAIN CURRENT (AMPS)
0.04
0.02
0.015
0.01
0.005
0
15
20
30
TJ = 100°C
–55
°C
25
°C
TJ = 25°C
15
20
25
30
35
0.2
0.6
1.8
1.6
2.0
1.4
4.5
3.0
3.5
20
15
5.0
25
15
25
35
0.02
0.03
25
35
0.035
0.03
0.025
25
TJ = 25°C
VGS = 3.0 V
4.0 V
TJ = 125°C
25
°C
–55
°C
VGS = 10 V
10 V
VGS = 4.5 V
ID = 20 A
VGS = 10 V
VDS ≥ 10 V
TJ = 125°C
100
°C
25
°C
5.0 V
10 V
4.0
75
100
150
125
40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com