Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7274 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7274
Description  3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7274 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7274 Datasheet HTML 3Page - Analog Devices AD7274 Datasheet HTML 4Page - Analog Devices AD7274 Datasheet HTML 5Page - Analog Devices AD7274 Datasheet HTML 6Page - Analog Devices AD7274 Datasheet HTML 7Page - Analog Devices AD7274 Datasheet HTML 8Page - Analog Devices AD7274 Datasheet HTML 9Page - Analog Devices AD7274 Datasheet HTML 10Page - Analog Devices AD7274 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7273/AD7274
Rev. 0 | Page 6 of 28
Parameter
B Grade1
Unit2
Test Conditions/Comments
POWER RQUIREMENTS
VDD
2.35/3.6
V min/V max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Static)
0.6
mA typ
VDD = 3 V, SCLK on or off
Normal Mode (Operational)
5
mA max
VDD = 2.35 V to 3.6 V, fSAMPLE = 3 MSPS
3.2
mA typ
VDD = 3 V
Partial Power-Down Mode (Static)
34
μA typ
Full Power-Down Mode (Static)
2
μA max
−40°C to +85°C, typically 0.1 μA
10
μA max
85°C to 125°C
Power Dissipation5
Normal Mode (Operational)
18
mW max
VDD = 3.6 V , fSAMPLE = 3 MSPS
9.6
mW typ
VDD = 3 V
Partial Power-Down
102
μW max
VDD = 3 V
Full Power-Down
7.2
μW max
VDD = 3.6 V, −40°C to +85°C
1 Temperature range from −40°C to +125°C.
2 Typical specifications are tested with VDD = 3 V and VREF = 3 V at 25°C.
3 See the Terminology section.
4 Guaranteed by characterization.
5 See the Power vs. Throughput Rate section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com