Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7274 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7274
Description  3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7274 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7274 Datasheet HTML 12Page - Analog Devices AD7274 Datasheet HTML 13Page - Analog Devices AD7274 Datasheet HTML 14Page - Analog Devices AD7274 Datasheet HTML 15Page - Analog Devices AD7274 Datasheet HTML 16Page - Analog Devices AD7274 Datasheet HTML 17Page - Analog Devices AD7274 Datasheet HTML 18Page - Analog Devices AD7274 Datasheet HTML 19Page - Analog Devices AD7274 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7273/AD7274
Rev. 0 | Page 15 of 28
CIRCUIT INFORMATION
The AD7273/AD7274 are high speed, low power, 10-/12-bit,
single supply ADCs, respectively. The parts can be operated
from a 2.35 V to 3.6 V supply. When operated from any supply
voltage within this range, the AD7273/AD7274 are capable of
throughput rates of 3 MSPS when provided with a 48 MHz clock.
The AD7273/AD7274 provide the user with an on-chip track-
and-hold ADC and a serial interface housed in an 8-lead TSOT
or an 8-lead MSOP package, which offers the user considerable
space-saving advantages over alternative solutions. The serial
clock input accesses data from the part and provides the clock
source for the successive approximation ADC. The analog input
range is 0 to VREF. An external reference in the range of 1.4 V to
VDD is required by the ADC.
The AD7273/AD7274 also feature a power-down option to save
power between conversions. The power-down feature is
implemented across the standard serial interface as described in
the Modes of Operation section.
CONVERTER OPERATION
The AD7273/AD7274 are successive approximation ADCs
based on a charge redistribution DAC. Figure 24 and Figure 25
show simplified schematics of the ADC. Figure 24 shows the
ADC during its acquisition phase, where SW2 is closed, SW1 is
in Position A, the comparator is held in a balanced condition,
and the sampling capacitor acquires the signal on VIN.
COMPARATOR
ACQUISITION
PHASE
VDD/2
SW2
VIN
SAMPLING
CAPACITOR
AGND
A
SW1
B
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 24. ADC Acquisition Phase
When the ADC starts a conversion, SW2 opens and SW1 moves
to Position B, causing the comparator to become unbalanced
(see Figure 25). The control logic and the charge redistribution
DAC are used to add and subtract fixed amounts of charge from
the sampling capacitor to bring the comparator back into a
balanced condition. When the comparator is rebalanced, the
conversion is complete. The control logic generates the ADC
output code. Figure 26 shows the ADC transfer function.
COMPARATOR
ACQUISITION
PHASE
VDD/2
SW2
VIN
SAMPLING
CAPACITOR
AGND
A
SW1
B
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 25. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding of the AD7273/AD7274 is straight binary.
The designed code transitions occur midway between
successive integer LSB values, such as 0.5 LSB and 1.5 LSB. The
LSB size is VREF/4,096 for the AD7274 and VREF/1,024 for the
AD7273. The ideal transfer characteristic for the
AD7273/AD7274 is shown in Figure 26.
000...000
0V
ANALOG INPUT
111...111
000...001
111...000
011...111
111...110
000...010
1LSB = VREF/4096 (AD7274)
1LSB = VREF/1024 (AD7273)
+VREF – 1.5LSB
0.5LSB
Figure 26. AD7273/AD7274 Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com