Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2154CT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA2154CT
Description  General-Purpose Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2154CT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA2154CT Datasheet HTML 1Page - Toshiba Semiconductor 2SA2154CT Datasheet HTML 2Page - Toshiba Semiconductor 2SA2154CT Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA2154
2007-11-01
2
IC - VCE
-0
-20
-40
-60
-80
-100
-120
-0
-1
-2
-3
-4
-5
-6
-7
0
0
IB = -0.1mA
-0.2
-0.3
-0.5
-0.7
-1.0
-1.5
-2.0
PC - Ta
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
hFE - IC
10
100
1000
-0.1
-1
-10
-100
-25
25
Ta = 100°C
VCE(sat) - IC
-0.01
-0.1
-1
-0.1
-1
-10
-100
Ta = 100°C
-25
25
VBE(sat) - IC
-0.1
-1
-10
-0.1
-1
-10
-100
IB - VBE
-0.1
-1
-10
-100
-1000
-0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
Ta = 100°C
-25
25
0
AMBIENT TEMPERATURE Ta (°C)
BASE-EMITTER VOLTAGE VBE (V)
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COMMON EMITTER
   
VCE =
−6V
   
VCE =
−1V
COMMON EMITTER Ta = 25°C
COMMON EMITTER
IC/IB = 10
COMMON EMITTER
IC/IB = 10
COMMON EMITTER
VCE =
−6V
Ta = 100°C
25
-25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com