Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2154CT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA2154CT
Description  General-Purpose Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2154CT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA2154CT Datasheet HTML 1Page - Toshiba Semiconductor 2SA2154CT Datasheet HTML 2Page - Toshiba Semiconductor 2SA2154CT Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA2154
2007-11-01
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA2154
General-Purpose Amplifier Applications
• High voltage and high current
: VCEO = −50 V, IC = −100 mA (max)
• Excellent hFE linearity
: hFE (IC = −0.1 mA)/hFE (IC = −2 mA) = 0.95 (typ.)
• High hFE
: hFE = 120~400
• Complementary to 2SC6026
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cutoff current
ICBO
VCB = −50 V, IE = 0
⎯
⎯
−0.1
μA
Emitter cutoff current
IEBO
VEB = −5 V, IC = 0
⎯
⎯
−0.1
μA
DC current gain
hFE (Note)
VCE = −6 V, IC = −2 mA
120
⎯
400
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = −100 mA, IB = −10 mA
⎯
−0.18
−0.3
V
Transition frequency
fT
VCE = −10 V, IC = −1 mA
80
⎯
⎯
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
1.6
⎯
pF
Note: hFE classification Y (F): 120~240, GR (H): 200~400
( ) marking symbol
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-1E1A
Weight: 0.6 mg (typ.)
fSM
1.BASE
2.EMITTER
3.COLLECTOR
0.1±0.05
3
0.8±0.05
1.0±0.05
1
2
0.1±0.05
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−100
mA
Base current
IB
−30
mA
Collector power dissipation
PC
50
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Type Name
hFE Rank
8F


Similar Part No. - 2SA2154CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2154 TOSHIBA-2SA2154 Datasheet
136Kb / 3P
Silicon PNP Epitaxial Type (PCT Process) General-Purpose Amplifier Applications
2SA2154MFV TOSHIBA-2SA2154MFV Datasheet
264Kb / 4P
General-Purpose Amplifier Applications
More results

Similar Description - 2SA2154CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1B26FS TOSHIBA-HN1B26FS Datasheet
164Kb / 6P
General-Purpose Amplifier Applications
HN7G04FU TOSHIBA-HN7G04FU Datasheet
440Kb / 6P
General-Purpose Amplifier Applications
HN7G08FE TOSHIBA-HN7G08FE Datasheet
225Kb / 6P
General-Purpose Amplifier Applications
2SA2154MFV TOSHIBA-2SA2154MFV Datasheet
264Kb / 4P
General-Purpose Amplifier Applications
2SC5232 TOSHIBA-2SC5232_03 Datasheet
137Kb / 5P
General Purpose Amplifier Applications
2SC6026CT TOSHIBA-2SC6026CT Datasheet
151Kb / 3P
General Purpose Amplifier Applications
2SA1954B TOSHIBA-2SA1954B Datasheet
234Kb / 5P
General Purpose Amplifier Applications
2SC6026MFV-GR TOSHIBA-2SC6026MFV-GR Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
2SC6026MFV-Y TOSHIBA-2SC6026MFV-Y Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
logo
List of Unclassifed Man...
A844 ETC-A844 Datasheet
123Kb / 1P
General Purpose Amplifier Applications.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com