Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7066 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW7066
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW7066 Datasheet HTML 14Page - Anpec Electronics Coropration APW7066 Datasheet HTML 15Page - Anpec Electronics Coropration APW7066 Datasheet HTML 16Page - Anpec Electronics Coropration APW7066 Datasheet HTML 17Page - Anpec Electronics Coropration APW7066 Datasheet HTML 18Page - Anpec Electronics Coropration APW7066 Datasheet HTML 19Page - Anpec Electronics Coropration APW7066 Datasheet HTML 20Page - Anpec Electronics Coropration APW7066 Datasheet HTML 21Page - Anpec Electronics Coropration APW7066 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Aug., 2009
APW7066
www.anpec.com.tw
18
Block Diagram
Power On Reset
and Control
Gate
Control
Logic 1
1-2 Clock
Cycle Filter
Gate
Control
Logic 2
3.3V
Bias
Current
0.6V
3.3V
3.3V
0.6V
0.6V
VCC
VREF
VCC12
SS1/EN1
SS2/
EN2
SS3/EN3
PGOOD
COMP1
COMP2
FB1
REFIN
FB2
GND
PGND
DRIVE3
FB3
REFOUT
FS/SYNC
LGATE2
UGATE2
BOOT2
LGATE1
UGATE1
BOOT1
5.8V
30
µA
30
µA
30
µA
Oscillator
3.3V
VCC12
Monitor COMP Pins for
Short Protection
If short, Filter shut
down all outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com