Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7066 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7066
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7066 Datasheet HTML 1Page - Anpec Electronics Coropration APW7066 Datasheet HTML 2Page - Anpec Electronics Coropration APW7066 Datasheet HTML 3Page - Anpec Electronics Coropration APW7066 Datasheet HTML 4Page - Anpec Electronics Coropration APW7066 Datasheet HTML 5Page - Anpec Electronics Coropration APW7066 Datasheet HTML 6Page - Anpec Electronics Coropration APW7066 Datasheet HTML 7Page - Anpec Electronics Coropration APW7066 Datasheet HTML 8Page - Anpec Electronics Coropration APW7066 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Aug., 2009
APW7066
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
APW7066
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INPUT SUPPLY POWER (CONT.)
VCC Rising
4.15
4.23
4.4
V
VCC Falling
3.9
4.0
4.15
V
VCC12 Rising
7.55
7.8
8
V
Power-On Reset Threshold
VCC12 Falling
7.1
7.3
7.55
V
SYSTEM ACCURACY
Outputs 1 and 3 Reference Voltage
-
0.6
-
V
Output 2 Reference Voltage
-
3.3V
-
Outputs 1 and 2 System Accuracy
-0.8
-
0.8
%
Output 3 System Accuracy
-0.8
-
0.8
%
OSCILLATOR
Accuracy
-20
-
20
%
Frequency
FS/SYNC pin open
240
300
360
kHz
Adjustment Range
FS/SYNC pin: resistor to GND; resistor
to VCC12
70
-
800
kHz
Sawtooth Amplitude
-
2.1
-
V
Duty-Cycle Range
0
-
85
%
ERROR AMPLIFIER (OUT1 AND OUT2)
Open-Loop Gain
RL = 10k
Ω to ground
-
85
-
dB
Open-Loop Bandwidth
CL = 100pF, RL = 10k
Ω to ground
-
15
-
MHz
Slew Rate
CL = 100pF, RL = 10k
Ω to ground
-
4
-
V/
µs
EA Offset
COMP1/2 to FB1/2; compare to internal
VREF/REFIN
-
2
-
mV
Maximum Output Voltage
RL = 10k
Ω to ground; (may trip
short-circuit)
-
VCC
-
V
Output High Source Current
COMP1/2, VCOMP=2V
-
-50
-
mA
Output Low Sink Current
COMP1/2, VCOMP=2V
-
45
-
mA
PROTECTION AND MONITOR
Under-Voltage Threshold (COMP1 and
COMP2)
Causes PGOOD to go low; if there for a
filter time, implies the COMP pin(s) is
out-of-range, and shuts down IC
-
3.3
-
V
UV Filter Time
Based on internal oscillator clock
frequency (nominal 300kHz = 3.3
µs
clock period)
1
-
2
Clock
pulses
PGOOD Low Voltage
IPGOOD = 2mA
-
0.1
0.3
V
LINEAR REGULATOR (OUT3)
EA Offset
DRIVE3 to FB3; compare to internal
VREF
-
2
-
mV
DRIVE3 High Output Voltage
-
VCC12
-
DRIVE3 High Output Source Current
-
1.5
-
mA
DRIVE3 Low Output Sink Current
-
2.5
-
mA
Operating Conditions: V
CC = 5V, VCC12 = 12V, TA = 0 to 70°C, unless Otherwise Specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com