Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7083 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7083
Description  5A, 26V, 380kHz, Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7083 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7083 Datasheet HTML 9Page - Anpec Electronics Coropration APW7083 Datasheet HTML 10Page - Anpec Electronics Coropration APW7083 Datasheet HTML 11Page - Anpec Electronics Coropration APW7083 Datasheet HTML 12Page - Anpec Electronics Coropration APW7083 Datasheet HTML 13Page - Anpec Electronics Coropration APW7083 Datasheet HTML 14Page - Anpec Electronics Coropration APW7083 Datasheet HTML 15Page - Anpec Electronics Coropration APW7083 Datasheet HTML 16Page - Anpec Electronics Coropration APW7083 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Sep., 2011
APW7083
www.anpec.com.tw
13
Function Description
Main Control Loop
The APW 7083 is a constant frequency current mode
switching regulator. During normal operation, the inter-
nal P-channel power MOSFET is turned on each cycle
when the oscillator sets an internal RS latch and would
be turned off when an internal current comparator (ICMP)
resets the latch. The peak inductor current at which ICMP
resets the RS latch is controlled by the voltage on the
COMP pin, which is the output of the error amplifier
(EAMP). An external resistive divider connected between
V
OUT and ground allows the EAMP to receive an output
feedback voltage V
FB
at FB pin. When the load current
increases, it causes a slight decrease in V
FB relative to
the 0.8V reference, which in turn causes the COMP volt-
age to increase until the average inductor current matches
the new load current.
VCC Power-On-Reset (POR) and EN Undervoltage
Lockout
The APW7083 keeps monitoring the voltage on VCC pin
to prevent wrong logic operations which may occur when
VCC voltage is not high enough for the internal control
circuitry to operate. The VCC POR has a rising threshold
of 3.9V (typical) with 0.15V of hysteresis.
An external undervoltage lockout (UVLO) is sensed and
programmed at the EN pin. The EN UVLO has a rising
threshold of 2.5V with 0.2V of hysteresis. The EN UVLO
should be programmed by connecting a resistive divider
from VIN to EN to GND.
After the VCC, EN, and VIN-to-UGND voltages exceed their
respective voltage thresholds, the IC starts a start-up pro-
cess and then ramps up the output voltage to the setting
of output voltage. Connecting a RC network from EN to
GND is for setting a turn-on delay that can be used to
sequence the output voltages of multiple devices.
VCC 4.2V Linear Regulator
VCC is the output terminal of the internal 4.2V linear regu-
lator which is powered from VIN and provides power to
the APW7083. The linear regulator designed to be stable
with a low-ESR ceramic output capacitor powers the in-
ternal control circuitry, then bypasses VCC to GND with a
ceramic capacitor of at least 0.22
µF. In order to provide
good noise decoupling, please place the capacitor physi-
cally close to the IC. The linear regulator is not intended
for powering up any external loads. Do not connect any
external load to VCC. The linear regulator is also equipped
with current-limit protection to protect itself during over-
load or short-circuit conditions on VCC pin.
VIN-to-UGND 5.5V Linear Regulator
The built-in 5.5V linear regulator regulates a 5.5V voltage
between VIN and UGND pins to supply bias and gate
charge for the P-channel Power MOSFET gate driver. The
linear regulator is designed to be stable with a low-ESR
ceramic output capacitor of at least 0.22
µF. It is also
equipped with current-limit function to protect itself dur-
ing over-load or short-circuit conditions between VIN and
UGND.
The APW7083 shuts off the output of the converters
when the output voltage of the linear regulator is below
3.5V (typical). The IC resumes working by initiating a new
soft-start process when the linear regulator’s output
voltage is above the undervoltage lockout voltage
threshold.
Digital Soft-Start
The APW7083 has a built-in digital soft-start to control
the output voltage rise and limit the input current surge
during start-up. During soft-start, an internal ramp, con-
nected to the one of the positive inputs of the error
amplifier, rises up from 0V to 1V to replace the reference
voltage (0.8V) until the ramp voltage reaches the refer-
ence voltage.
The device is designed with a preceding delay about
10.8ms (typical) before soft-start process.
Enable/Shutdown
Driving EN to ground places the APW7083 in shutdown.
When in shutdown, the internal power MOSFET turns off,
all internal circuitry shuts down and the quiescent supply
current of VIN reduces to <1
µA (typical).
Output Under-Voltage Protection
In the process of operation, if a short-circuit occurs, the
output voltage will drop quickly. Before the current-limit
circuit responds, the output voltage will fall out of the re-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com