Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7083 Datasheet (PDF) - Anpec Electronics Coropration

APW7083 Datasheet PDF - Anpec Electronics Coropration
Part # APW7083
Download  APW7083 Download
File Size   428.96 Kbytes
Page   22 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 5A, 26V, 380kHz, Synchronous Step-Down Converter

APW7083 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7083 Datasheet PDF - Anpec Electronics Coropration

Part # APW7083
Download  APW7083 Click to download

File Size   428.96 Kbytes
Page   22 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 5A, 26V, 380kHz, Synchronous Step-Down Converter

APW7083 Datasheet (HTML) - Anpec Electronics Coropration


APW7083 Product details

General Description
The APW7083 is a 5A, synchronous, step-down converter with integrated 50mW P-channel power MOSFET and 20mW N-channel power MOSFET. The device, with current-mode control scheme, can convert 4.5~26V input voltage to the output voltage adjustable from 0.8 to 90% VIN to provide excellent output voltage regulation.

Features
● Wide Input Voltage from 4.5V to 26V
● Output Current Up to 5A
● Adjustable Output Voltage from 0.8V to 90%VIN
    - 0.8V Reference Voltage
    - ±2.5% System Accuracy
● Integrated 50mW P-Channel Power MOSFET and 20mW N-Channel Power MOSFET
● High Efficiency up to 95%
● Current-Mode Operation
    - Stable with Ceramic Output Capacitors
    - Fast Transient Response
● Power-On-Reset Monitoring
● Fixed 380kHz Switching Frequency in PWM Mode
● Automatic Pulse-Skipping Mode (PSM)/PWM Mode Operation
● Built-in Digital Soft-Start
● Output Current-Limit Protection with Frequency Foldback
● 70% Under-Voltage Protection
● Over-Temperature Protection
● 118% Over-Voltage Protection
● <5μA Quiescent Current During Shutdown
● Thermal-Enhanced TQFN5x6-28 Package
● Pb-Free Available as an Option
● Lead Free and Green Devices Available (RoHS Compliant)

Applications
● LCD Monitor / TV
● SetTop Box
● Portable DVD
● Wireless LAN
● ADSL, Switch HUB
● Notebook Computer
● Step-Down Converters Requiring High Efficiency and 5A Output Current




Similar Part No. - APW7083

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7080 ANPEC-APW7080 Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KA ANPEC-APW7080KA Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KAI-TRG ANPEC-APW7080KAI-TRG Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KAI-TRL ANPEC-APW7080KAI-TRL Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
More results


Similar Description - APW7083

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7080 ANPEC-APW7080 Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
2A,16V,380KHz Step-Down Converter
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
5A, 1MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7089 ANPEC-APW7089 Datasheet
569Kb / 24P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
21V, 5A, 1.1MHz Synchronous Step-down Converter
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
5A Synchronous Step-Down Voltage Converter
logo
Monolithic Power System...
MP2317 MPS-MP2317 Datasheet
492Kb / 16P
26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com