Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7080 Datasheet (PDF) - Anpec Electronics Coropration

APW7080 Datasheet PDF - Anpec Electronics Coropration
Part # APW7080
Download  APW7080 Download
File Size   793.67 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 4A, 26V, 380kHz, Asynchronous Step-Down Converter

APW7080 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7080 Datasheet PDF - Anpec Electronics Coropration

Part # APW7080
Download  APW7080 Click to download

File Size   793.67 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 4A, 26V, 380kHz, Asynchronous Step-Down Converter

APW7080 Datasheet (HTML) - Anpec Electronics Coropration


APW7080 Product details

General  Description

The  APW7080  is a  4A, a synchronous,  step-down converter with  integrated  80mW P-channel  MOSFET .  The  device, with current-mode control scheme, can convert 4.5~26V input voltage to the output voltage adjustable from 0.8 to 90% VIN to provide excellent output voltage regulation.



Features

• Wide Input V oltage  from 4.5V to 26V

• Output  Current  up  to  4A

• Adjustable  Output V oltage from  0.8V to  90%VIN

  - 0.8V Reference V oltage

  - –2.5% System Accuracy

• 80mW Integrated P-Channel Power MOSFET

• High  Efficiency  up  to  91%

  -   Pul se-Ski ppi ng  Mode  ( PSM)  /   PWM  Mode  Operat i on

• Current-Mode  Operation

  - Stable with Ceramic Output Capacitors

  -  Fast Transient Response

• Power-On-Reset  Monitoring

• Fixed  380kHz  Switching  Frequency  in  PWM  Mode

• Built-in  Digital  Soft-Start

• Output Current-Limit Protection with Frequency Foldback

• 70%  Undervoltage  Protection

• Over-T emperature Protection

• <5mA  Quiescent  Current during  Shutdown

• Thermal-Enhanced SOP-8P Package

• Lead Free and Green Devices Available (RoHS Compliant)



Applications

• LCD Monitor / TV

• Set-Top Box

• Portable DVD

• Wireless LAN

• ADSL, Switch HUB

• Notebook Computer

• Step-down Converters Requiring High  Efficiency and  4A  Output  Current




Similar Part No. - APW7080

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7083QBI-TRG ANPEC-APW7083QBI-TRG Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7085KI-TRG ANPEC-APW7085KI-TRG Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Similar Description - APW7080

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
2A,16V,380KHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7089 ANPEC-APW7089 Datasheet
569Kb / 24P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com