Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7085 Datasheet (PDF) - Anpec Electronics Coropration

APW7085 Datasheet PDF - Anpec Electronics Coropration
Part # APW7085
Download  APW7085 Download
File Size   499.22 Kbytes
Page   24 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 2A, 26V, 380kHz, Asynchronous Step-Down Converter

APW7085 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7085 Datasheet PDF - Anpec Electronics Coropration

Part # APW7085
Download  APW7085 Click to download

File Size   499.22 Kbytes
Page   24 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 2A, 26V, 380kHz, Asynchronous Step-Down Converter

APW7085 Datasheet (HTML) - Anpec Electronics Coropration


APW7085 Product details

General  Description

The APW7085  is  a  2A,  asynchronous,  step-down  converter  with  integrated  100mW P-channel  MOSFET .  The device,  with  current-mode control  scheme,  can  convert 4.5~26V  input  voltage  to  the  output  vol tage  adjustable from  0.8  to  90%  VIN to  provide  excell ent  output  voltage regulation.



 



Features

• Wide Input V oltage  from 4.5V to 26V

• Output  Current  up  to  2A

• Adjustable  Output V oltage from  0.8V to  90% VIN

- 0.8V Reference V oltage

- –2.5% System Accuracy

• 100mW Integrated P-Channel  Power MOSFET

• High  Efficiency  up  to  91%

- Pulse-Skipping Mode (PSM)  / PWM Mode Operation

• Current-Mode  Operation

- Stable with Ceramic Output Capacitors

-  Fast Transient Response

• Power-On-Reset  Monitoring

• Fixed  380kHz  Switching  Frequency  in  PWM  Mode

• Built-in  Digital  Soft-Start

• Output Current-Limit Protection with Frequency Foldback

• 70%  Under-V oltage  Protection

• Over-T emperature Protection

• <5mA Quiescent Current  During Shutdown

• SOP-8 Package

• Lead Free and Green Devices Available (RoHS Compliant)



Applications

• LCD Monitor / TV

• Set-Top Box

• Portable DVD

• Wireless LAN

• ADSL, Switch HUB

• Notebook Computer

• Step-Down Converters Requiring High  Efficiency and  2A  Output  Current




Similar Part No. - APW7085

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7080 ANPEC-APW7080 Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KA ANPEC-APW7080KA Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KAI-TRG ANPEC-APW7080KAI-TRG Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KAI-TRL ANPEC-APW7080KAI-TRL Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
More results


Similar Description - APW7085

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7080 ANPEC-APW7080 Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3410 EUTECH-EUP3410 Datasheet
963Kb / 12P
2A,16V,380KHz Step-Down Converter
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
2A,16V,380KHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7089 ANPEC-APW7089 Datasheet
569Kb / 24P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com