Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7089 Datasheet (PDF) - Anpec Electronics Coropration

APW7089 Datasheet PDF - Anpec Electronics Coropration
Part # APW7089
Download  APW7089 Download
File Size   569.3 Kbytes
Page   24 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 4A, 26V, 380kHz, Asynchronous Step-Down Converter

APW7089 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7089 Datasheet PDF - Anpec Electronics Coropration

Part # APW7089
Download  APW7089 Click to download

File Size   569.3 Kbytes
Page   24 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 4A, 26V, 380kHz, Asynchronous Step-Down Converter

APW7089 Datasheet (HTML) - Anpec Electronics Coropration


APW7089 Product details

General Description

The APW7089 is a 4A, asynchronous, step-down converter with integrated 80mW P-channel MOSFET. The device, with current-mode control scheme, can convert 4.5~26V input voltage to the output voltage adjustable from 0.8 to 90% VIN to provide excellent output voltage regulation.



Features

· Wide Input Voltage from 4.5V to 26V

· Output Current up to 4A

· Adjustable Output Voltage from 0.8V to 90% VIN

- 0.8V Reference Voltage

- ±2.5% System Accuracy

· 80mW Integrated P-Channel Power MOSFET

· High Efficiency up to 91%

- Pulse-Skipping Mode (PSM) / PWM Mode Operation

· Current-Mode Operation

- Stable with Ceramic Output Capacitors

- Fast Transient Response

· Power-On-Reset Monitoring

· Fixed 380kHz Switching Frequency in PWM Mode

· Built-in Digital Soft-Start

· Output Current-Limit Protection with Frequency Foldback

· 70% Under-Voltage Protection

· Over-Temperature Protection

· <5mA Quiescent Current During Shutdown

· Thermal-Enhanced SOP-8P Package

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· LCD Monitor / TV

· Set-Top Box

· Portable DVD

· Wireless LAN

· ADSL, Switch HUB

· Notebook Computer

· Step-Down Converters Requiring High Efficiency and 4A Output Current




Similar Part No. - APW7089

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7089QBE-TBG ANPEC-APW7089QBE-TBG Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7089QBE-TBL ANPEC-APW7089QBE-TBL Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7089QBE-TRG ANPEC-APW7089QBE-TRG Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7089QBE-TRL ANPEC-APW7089QBE-TRL Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7089QDE-TBG ANPEC-APW7089QDE-TBG Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
More results


Similar Description - APW7089

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7080 ANPEC-APW7080 Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
2A,16V,380KHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com