Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7089 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7089
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7089 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7089 Datasheet HTML 1Page - Anpec Electronics Coropration APW7089 Datasheet HTML 2Page - Anpec Electronics Coropration APW7089 Datasheet HTML 3Page - Anpec Electronics Coropration APW7089 Datasheet HTML 4Page - Anpec Electronics Coropration APW7089 Datasheet HTML 5Page - Anpec Electronics Coropration APW7089 Datasheet HTML 6Page - Anpec Electronics Coropration APW7089 Datasheet HTML 7Page - Anpec Electronics Coropration APW7089 Datasheet HTML 8Page - Anpec Electronics Coropration APW7089 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2012
APW7089
www.anpec.com.tw
2
Ordering and Marking Information
Pin Configuration
GND
FB
COMP
LX
VIN
EN
UGND
VCC
9
LX
8
7
6
5
1
2
3
4
SOP-8P
(Top View)
The Pin 5 must be connected to the Exposed Pad
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 30
V
> 100ns
-2 ~ VIN+0.3
VLX
LX to GND Voltage
< 100ns
-5 ~ VIN+6
V
VIN
> 6.2V
-0.3 ~ 6.5
VCC
VCC Supply Voltage (VCC to GND)
VIN
≤ 6.2V
< V
IN+0.3
V
VUGND_GND
UGND to GND Voltage
-0.3 ~ VIN+0.3
V
VVIN_UGND
VIN to UGND Voltage
-0.3 ~ 7V
V
EN to GND Voltage
-0.3 ~ 20
V
FB, COMP to GND Voltage
-0.3 ~ VCC +0.3
V
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Simplified Application Circuit
APW7089
Handling Code
Temperature Range
Package Code
Package Code
KA : SOP-8P
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APW7089 KA :
APW7089
XXXXX
XXXXX - Date Code
R2
1%
LX
EN
VIN
GND
COMP
U1
APW7089
FB
UGND
VOUT
+3.3V
L1
4A
D1
VCC
C3
C2
VIN
+12
C1
10
µF
C5
R4
C6
C4
22
µF
R1
1%
VIN
C7
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com