Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7089 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW7089
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7089 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW7089 Datasheet HTML 14Page - Anpec Electronics Coropration APW7089 Datasheet HTML 15Page - Anpec Electronics Coropration APW7089 Datasheet HTML 16Page - Anpec Electronics Coropration APW7089 Datasheet HTML 17Page - Anpec Electronics Coropration APW7089 Datasheet HTML 18Page - Anpec Electronics Coropration APW7089 Datasheet HTML 19Page - Anpec Electronics Coropration APW7089 Datasheet HTML 20Page - Anpec Electronics Coropration APW7089 Datasheet HTML 21Page - Anpec Electronics Coropration APW7089 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2012
APW7089
www.anpec.com.tw
18
Application Information (Cont.)
Output Capacitor Selection (Cont.)
(V)
C
F
8
I
V
OUT
OSC
COUT
⋅
⋅
∆
=
∆
........... (4)
For the applications using bulk capacitors, the
∆V
COUT
is much smaller than the V
ESR an d c an b e i g n o r e d .
Therefore, the AC peak-to-peak output voltage (
∆V
OUT ) is
shown as below:
(V)
ESR
I
VOUT
⋅
∆
=
∆
........... (5)
For the applications using ceramic capacitors, the V
ESR is
much smaller than the
∆V
COUT an d c an b e i g no r e d .
Therefore, the AC peak-to-peak output voltage (
∆V
OUT ) is
close to
∆V
COUT .
The load transient requirements are the function of the
slew rate (di/dt) and the magnitude of the transient load
current. These requirements are generally met with a
mix of capacitors and careful layout. High frequency
capacitors initially supply the transient and slow the
current load rate seen by the bulk capacitors. The bulk
filter capacitor values are generally determined by the ESR
(Effective Series Resistance) and voltage rating require-
ments rather than actual capacitance requirements.
High frequency decoupling capacitors should be placed
as close to the power pins of the load as physically
possible. Be careful not to add inductance in the circuit
board wiring that could cancel the usefulness of these
low inductance components. An aluminum electrolytic
capacitor’s ESR value is related to the case size with lower
ESR available in larger case sizes. However, the Equiva-
lent Series Inductance (ESL) of these capacitors increases
with case size and can reduce the usefulness of the ca-
pacitor to high slew-rate transient loading.
Inductor Value Calculation
The operating frequency and inductor selection are
interrelated in that higher operating frequencies permit
the use of a smaller inductor for the same amount of
inductor ripple current. However, this is at the expense of
efficiency due to an increase in MOSFET gate charge
losses. The equation (2) shows that the inductance value
has a direct effect on ripple current.
Accepting larger values of ripple current allows the use of
low inductances but results in higher output voltage ripple
........... (6)
IN(MAX)
IN
V
V
=
Output Diode Selection
The Schottky diode carries load current during the off-
time. The average diode current is therefore dependent
on the P-channel power MOSFET duty cycle. At high input
voltages, the diode conducts most of the time. As V
IN ap-
proaches V
OUT, the diode conducts only a small fraction of
the time. The most stressful condition for the diode is
when the output is short-circuited. Therefore, it is impor-
tant to adequately specify the diode peak current and av-
erage power dissipation so as not to exceed the diode
ratings.
Under normal load conditions, the average current con-
ducted by the diode is:
OUT
D
IN
OUT
IN
D
I
V
V
V
-
V
I
⋅
+
=
The APW7089 is equipped with whole protections to re-
duce the power dissipation during short-circuit condition.
Therefore, the maximum power dissipation of the diode
is calculated from the maximum output current as:
D(MAX)
D
DIODE(MAX)
I
·
V
P
=
OUT(MAX)
OUT
I
I
=
where
where
Remember to keep lead length short and observe proper
grounding to avoid ringing and increased dissipation.
and greater core losses. A reasonable starting point for
setting ripple current is
∆I ≤ 0.4 ⋅ I
OUT(MAX) . Remember, the
maximum ripple current occurs at the maximum input
voltage. The minimum inductance of the inductor is cal-
culated by using the following equation:
1.6
V
·
L
·
380000
)
V
-
(V
·
V
IN
OUT
IN
OUT
≤
(H)
V
·
608000
)
V
-
(V
·
V
L
IN
OUT
IN
OUT
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com